Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N60 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # 3N60
Description  600V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

3N60 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  3N60 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. 3N60 Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
3N60
1 / 8
May,2015-REV.00
www.dyelec.com
1. Gate
2. Drain
3. Source
Pin Definition:
PRODUCT SUMMARY
VDS (V)
RDS(on)(Ω)
Current
600
3.6 @ VGS =10V
3A
600V N-Channel Power MOSFET
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
RDS(ON) < 3.6Ω@ VGS = 10V, ID =1.5A
Fast switching capability
Lead free in compliance with EU RoHS directive.
Improved dv/dt capability, high ruggedness
Ordering Information
Case: TO-251,TO-252,TO-220,ITO-220
TO-262,TO-263 Package
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
3.0
A
Continuous Drain Current
ID
3.0
A
Pulsed Drain Current (Note 2)
IDM
12
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
200
mJ
Power Dissipation
TO-220/TO-262/TO-263
PD
75
W
ITO-220
34
W
TO-251/TO-252
50
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ.
3. L = 44.4mH, IAS=3A, VDD=50V, RG=25 Ω, Starting TJ = 25°C
Part No.
Package
Packing
DMP3N60-TU
TO-251
75pcs / Tube
DMD3N60-TR
TO-252
2.5Kpcs / 13” Reel
DMT3N60-TU
TO-220
50pcs / Tube
DMF3N60-TU
ITO-220
50pcs / Tube
DMD3N60-TU
TO-252
75pcs / Tube
Block Diagram
D
G
S
DMG3N60-TU
TO-263
50pcs / Tube
DMG3N60-TU
TO-263
800pcs / 13" Reel
DMK3N60-TU
TO-262
50pcs / Tube


Similar Part No. - 3N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N60 UTC-3N60 Datasheet
162Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
363Kb / 8P
   3 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
3N60 UTC-3N60 Datasheet
388Kb / 8P
   3A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
3N60 NELLSEMI-3N60 Datasheet
442Kb / 9P
   N-Channel Power MOSFET
More results

Similar Description - 3N60

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
   600V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4NB60 TSC-TSM4NB60_13 Datasheet
575Kb / 11P
   600V N-Channel Power MOSFET
TSM1NB60 TSC-TSM1NB60 Datasheet
196Kb / 8P
   600V N-Channel Power MOSFET
TSM2N60 TSC-TSM2N60_07 Datasheet
459Kb / 8P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
CJP04N60 JIANGSU-CJP04N60 Datasheet
1Mb / 4P
   600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N60 DYELEC-6N60 Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
10N60 DYELEC-10N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60B JIANGSU-CJD04N60B Datasheet
756Kb / 4P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com