Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA07M3340M-01 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA07M3340M-01
Description  MITSUBISHI RF MOSFET MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M3340M-01 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA07M3340M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M3340M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA 07M3340 M
RA07M3340M
MITSUBISHI ELECTRIC
25 April 2003
5/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
OUTLINE DRAWING (mm)
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
(4.4)
6.1
±1
13.7
±1
18.8
±1
23.9
±1
30.0
±0.2
26.6
±0.2
21.2
±0.2
(1.7)
Ø0.45
±0.15
2-R1.5
±0.1
3
2
5
4
1


Similar Part No. - RA07M3340M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M3340M-101 MITSUBISHI-RA07M3340M-101 Datasheet
222Kb / 8P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
RA07M3340M-101 MITSUBISHI-RA07M3340M-101 Datasheet
113Kb / 9P
   RoHS Compliance , 330-400MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07M3340M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M MITSUBISHI-RA06H8285M Datasheet
61Kb / 8P
   MITSUBISHI RF MOSFET MODULE
RA07H0608M MITSUBISHI-RA07H0608M Datasheet
64Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07N4047M MITSUBISHI-RA07N4047M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA07M2127M MITSUBISHI-RA07M2127M Datasheet
61Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA45H4047M MITSUBISHI-RA45H4047M Datasheet
93Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 45W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M Datasheet
85Kb / 9P
   MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RD60HUF1 MITSUBISHI-RD60HUF1 Datasheet
320Kb / 7P
   MITSUBISHI RF POWER MOS FET
logo
Renesas Technology Corp
FS10KM-12A RENESAS-FS10KM-12A Datasheet
91Kb / 5P
   MITSUBISHI Nch POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com