Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG3KB100G Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UG3KB100G
Description  SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG3KB100G Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UG3KB100G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG3KB100G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KB05G
version: 01
80
KB100G
Mechanical Data
UG3
THRU UG3
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Features
UNIT
V
A
V
uA
1.1
5.0
500
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
1 of 2
www.dyelec.com
Peak Repetitive Reverse
Voltage Working Peak Reverse
Voltage DC Blocking Voltage
UG3K
Terminal: Plated leads solderable
per MIL-STD 202,Method 208
Case: D3K,molded plastic
·
Polarity: As Marked on case
·
Mounting Position:Any
·
·
Marking: Type Number
·
Lead Free: For RoHS/Lead Free Version
·
A
V
Operating and Storage Temperature Range
-55 to +150
Typical thermal resistance per leg(Note 2)
/W
55
pF
21
Typical Juntion Capacitance per leg
15
RMS Reverse Voltage
·
High surge current capability
·
Designed for surface mount application
·
Glass passivated die construction
·
High current capability
Plastic material-UL flammability 94V-0
·
·
Low forward voltage drop
Forward Voltage per element @IF=3.0A
VFM
Io
IFSM
VRRM
VRWM
VDC
VRMS
TJ,TSTG
RθJA
RθJL
CJ
IR
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
D3K
Dimiensions in inches and (milimeters)
.325(0.825)
0.341(8.65)
.016(0.4)
.024(0.6)
=140
Average Rectified
Without heat sink
With heat sink
Output Current
A
=30
@TA
@T
1.5
3.0
Note:1. Measured at 1.0 MHZ and applied reverse voltage of 4.0VD.C.
B100G
B80G
B60G
B40G
B20G
B10G
B05G
UG3K UG3K UG3K UG3K UG3K UG3K
35
70
140
280
420
560
700
50
100
200
400
800
1000
600


Similar Part No. - UG3KB100G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UG3KB100G CHENDA-UG3KB100G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
UG3KB100G CHENDA-UG3KB100G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SMC Diode Solutions Co....
UG3KB100G SMCDIODE-UG3KB100G Datasheet
362Kb / 5P
   Single-Phase 3.0A Glass Passivated Bridge Rectifier
Rev. -
More results

Similar Description - UG3KB100G

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UG3KB05T DYELEC-UG3KB05T Datasheet
421Kb / 2P
   SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP3005G SMCDIODE-KBP3005G Datasheet
310Kb / 5P
   SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
UG3KB05 DYELEC-UG3KB05 Datasheet
397Kb / 2P
   SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
HBS302 SMCDIODE-HBS302 Datasheet
569Kb / 5P
   Glass Passivated Single-Phase 3.0Amp Surface Mount Bridge Rectifier
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com