Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG2KB20G Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # UG2KB20G
Description  SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG2KB20G Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  UG2KB20G Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG2KB20G Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UG2KB05G THRU UG2KB100G
version: 01
2 of 2
www.dyelec.com
0.01
0.1
1.0
10
0.2
0.6
1.0
1.4
VF , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical l Forward Characteristics (per leg)
T= 25°C
Pulse Width = 300µs
A
0.4
0.8
1.2
1.6
1
10
100
1
100
T= 25°C
f = 1.0MHz
0
40
1.0
10
NUMBER OF CYCLES AT 60 Hz
TA = 25°C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
1
10
100
1
100
10
REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance Per Diode
T= 25°C
f = 1.0MHz
J
Fig. 3 Maximum Peak Forward Surge Current (per leg)
80
.5T
0.01
0.1
1.0
10
100
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
T = 25 C
°
T = 125 C
°
J
J
2.0
1.6
0.8
1.2
0
0.4
0
40
80
120
160
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Output Current Derating Curve
Resistive or Inductive Load
Without Heat sink
With Heat sink


Similar Part No. - UG2KB20G

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
UG2KB20G CHENDA-UG2KB20G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
UG2KB20G CHENDA-UG2KB20G Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - UG2KB20G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05 Datasheet
442Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G DYELEC-KBP2005G Datasheet
194Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05A DYELEC-UG2KB05A Datasheet
433Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G_V01 Datasheet
403Kb / 5P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com