Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG6N70-TR Datasheet(PDF) 6 Page - DIYI Electronic Technology Co., Ltd.

Part # DMG6N70-TR
Description  700V N-Channel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMG6N70-TR Datasheet(HTML) 6 Page - DIYI Electronic Technology Co., Ltd.

  DMG6N70-TR Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMG6N70-TR Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6 / 8
700V N-Channel Power MOSFET
May.2015-REV.00
www.dyelec.com
6N70
TO-220 Mechanical Drawing
TO-220 Mechanical Drawing
ITO-220 Mechanical Drawing


Similar Part No. - DMG6N70-TR

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DMG6N60-TR DYELEC-DMG6N60-TR Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
DMG6N60-TU DYELEC-DMG6N60-TU Datasheet
1Mb / 8P
   600V N-Channel Power MOSFET
DMG6N65-TR DYELEC-DMG6N65-TR Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
DMG6N65-TU DYELEC-DMG6N65-TU Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results

Similar Description - DMG6N70-TR

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Unisonic Technologies
10N70Z UTC-10N70Z Datasheet
209Kb / 6P
   10A, 700V N-CHANNEL POWER MOSFET
5N70K UTC-5N70K Datasheet
211Kb / 6P
   5A, 700V N-CHANNEL POWER MOSFET
4N70K UTC-4N70K Datasheet
250Kb / 6P
   4.4A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ12N70 DGNJDZ-NJ12N70 Datasheet
1,009Kb / 9P
   12A 700V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com