Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMG7N65-TR Datasheet(PDF) 5 Page - DIYI Electronic Technology Co., Ltd.

Part # DMG7N65-TR
Description  650V N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

DMG7N65-TR Datasheet(HTML) 5 Page - DIYI Electronic Technology Co., Ltd.

  DMG7N65-TR Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 6Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 7Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 8Page - DIYI Electronic Technology Co., Ltd. DMG7N65-TR Datasheet HTML 9Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5 / 9
TYPICAL CHARACTERISTICS
650V N-Channel Power MOSFET
May.2015-REV.00
www.dyelec.com
7N65
0
0
Drain Current, ID (A)
24
1
2
4
5
6
On-Resistance Variation vs.
Drain Current and Gate Voltage
3
6
8
10
12
1
0.1
Source-Drain Voltage, VSD (V)
On State Current vs.
Allowable Case Temperature
0.6
10
Note: TJ=25°C
Notes:
1.. GS=0V
2. 250µs Test
VGS=20V
VGS=10V
0.2
0.4
0.8
1.0
1.2
1.4
1.6


Similar Part No. - DMG7N65-TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG7N65SCT DIODES-DMG7N65SCT Datasheet
346Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMG7N65SCT ISC-DMG7N65SCT Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMG7N65SCTI DIODES-DMG7N65SCTI Datasheet
350Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMG7N65SCTI ISC-DMG7N65SCTI Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMG7N65SJ3 DIODES-DMG7N65SJ3 Datasheet
618Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMG7N65-TR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
   650V N-Channel Power MOSFET
TSM12N65 TSC-TSM12N65_15 Datasheet
844Kb / 8P
   650V N-Channel Power MOSFET
TSM7N65 TSC-TSM7N65 Datasheet
404Kb / 9P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com