Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2336UA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336UA
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336UA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA2336UA Datasheet HTML 1Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 8Page - Burr-Brown (TI) OPA2336UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
OPA336, 2336, 4336
5
SBOS068B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
100k
10k
Frequency (Hz)
100
1k
6
5
4
3
2
1
0
V
S = +5.5V
V
S = +2.3V
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
25
20
15
10
5
0
0.1%
0.2%
0.3%
0.1%
Typical production
distribution of
packaged units.
A
OL, CMRR, PSRR vs TEMPERATURE
Temperature (°C)
120
110
100
90
80
70
–75
–50
–25
0
25
50
75
100
125
A
OL
PSRR
CMRR
OFFSET VOLTAGE DRIFT MAGNITUDE
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
25
20
15
10
5
0
Typical production
distribution of
packaged units.
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Frequency (Hz)
1k
100
10
1
1k
100
10
1
10
100
1k
10k
100k
Voltage Noise
Current Noise
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
150
140
130
120
110
100
1k
10k
100k
Dual and Quad devices, G = 1, all
channels. Quad measured channel A
to D or B to C—other combinations
yield improved rejection.


Similar Part No. - OPA2336UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336UA BURR-BROWN-OPA2336UA Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336UA BURR-BROWN-OPA2336UA Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2336UA TI1-OPA2336UA Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2336UA TI1-OPA2336UA Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336UA/2K5 BURR-BROWN-OPA2336UA/2K5 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2336UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com