Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABF4U Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # ABF4U
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ABF4U Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  ABF4U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ABF4U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABF10U
ABF2U
version:01
1.4
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
FIG. 2 TYPICAL FORWARD CHARACTERISTIC
2 of 2
0
0.2
0.4
0.6
0.8
1.2
AMBIENT TEMPERATURE ( oC)
FIG.1 MAXIMUM FORWARD CURRENT DERATING
CURVE
0.1
1
FORWARD VOLTAGE (V)
0
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half
Sine-Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLYAGE(%)
THRU
T =125
T =75
T =25
A
A
A
1.0
0
306090
120
150
0
0.2
0.4
0.6
0.8
1.0
1.2
www.dyelec.com


Similar Part No. - ABF4U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
ABF4 DYELEC-ABF4 Datasheet
1Mb / 2P
   SINGLE PHASE 0.8AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
ABF4 HY-ABF4 Datasheet
414Kb / 3P
   Surface Mount Glass Passivated Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
ABF4 YFWDIODE-ABF4 Datasheet
358Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage
More results

Similar Description - ABF4U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB101 DYELEC-RDB101_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS2U DYELEC-ABS2U_16 Datasheet
5Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
ABF2U SMC-ABF2U Datasheet
175Kb / 5P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com