Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT30L120FCT Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # SBT30L120FCT
Description  20A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBT30L120FCT Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  SBT30L120FCT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBT30L120FCT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBT30L120FCT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBT30L120FCT Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBT30L120FCT Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Package Outline Dimensions
3 / 5
May.2015-REV.00
www.dyelec.com
SBT30L120CT
SBT30L120FCT
SBT30L120CK
SBT30L120CG


Similar Part No. - SBT30L120FCT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBT30L100CT DYELEC-SBT30L100CT Datasheet
1Mb / 5P
   30A LOW VF SCHOTTKY RECTIFIER
logo
SUNMATE electronic Co.,...
SBT30L100CT SUNMATE-SBT30L100CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
Inchange Semiconductor ...
SBT30L100FCT ISC-SBT30L100FCT Datasheet
290Kb / 2P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SBT30L150CT SUNMATE-SBT30L150CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBT30L120FCT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP20L40CT DYELEC-SBP20L40CT Datasheet
3Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45P DYELEC-SBP20V45P Datasheet
1Mb / 4P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L100CT DYELEC-SBT20L100CT Datasheet
1Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20100CT DYELEC-SBT20100CT Datasheet
1Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L60CT DYELEC-SBP20L60CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V40CT DYELEC-SBP20V40CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT30L200CT DYELEC-SBT30L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L120CT DYELEC-SBT20L120CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L200CT DYELEC-SBT20L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L45CT DYELEC-SBP20L45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CT DYELEC-SBP20V45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com