Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG2KB100 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # UG2KB100
Description  SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

UG2KB100 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  UG2KB100 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. UG2KB100 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UG2KB05 THRU UG2KB100
1.Measured at 1.0 MHZ and applied reverse voltage of 4.0VD.C.
Note:
1.0
version: 01
60
Mechanical Data
SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Features
UNIT
V
A
V
Forward Voltage per element @IF=2.0A
VFM
1.1
Io
2.0
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
VRRM
VRWM
VDC
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1 of 2
www.dyelec.com
Peak Repetitive Reverse
Voltage Working Peak Reverse
Voltage DC Blocking Voltage
UG2K
Terminal: Plated leads solderable
per MIL-STD 202,Method 208
Case: D3K,molded plastic
·
Polarity: As Marked on case
·
Mounting Position:Any
·
·
Marking: Type Number
·
Lead Free: For RoHS/Lead Free Version
·
TYPE NUMBER
SYMBOL
RMS Reverse Voltage
VRMS
A
V
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
Typical thermal resistance per leg(Note 2)
/W
RθJA
55
RθJL
CJ
pF
21
Typical Juntion Capacitance per leg
15
uA
IR
5.0
500
·
High surge current capability
·
Designed for surface mount application
·
Glass passivated die construction
·
High current capability
Plastic material-UL flammability 94V-0
·
·
Low forward voltage drop
Maximum DC reverse current at TA=25℃
rated DC blocking voltage per leg TA=125℃
D3K
Dimiensions in inches and (milimeters)
.325(0.825)
0.341(8.65)
.016(0.4)
.024(0.6)
=140
Average Rectified
Without heat sink
With heat sink
Output Current
A
=30
@TA
@T
UG2K
B05
UG2K
B10
UG2K
B20
UG2K
B40
UG2K
B60
UG2K
B80
B100
35
70
140
280
420
560
700
50
100
200
400
600
800
1000


Similar Part No. - UG2KB100

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UG2KB100 GULFSEMI-UG2KB100 Datasheet
160Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
logo
Guangdong Juxing Electr...
UG2KB100 JUXING-UG2KB100 Datasheet
703Kb / 2P
   BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UG2KB100 CHENDA-UG2KB100 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Dongguan City Niuhang E...
UG2KB100 NIUHANG-UG2KB100 Datasheet
1Mb / 3P
   BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
UG2KB100 DYELEC-UG2KB100 Datasheet
1Mb / 3P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UG2KB100

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBP2005G SMC-KBP2005G Datasheet
158Kb / 4P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
UG2KB05 DYELEC-UG2KB05_17 Datasheet
1Mb / 3P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G Datasheet
403Kb / 5P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
UG2KB05G DYELEC-UG2KB05G Datasheet
433Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G DYELEC-KBP2005G Datasheet
194Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG2KB05A DYELEC-UG2KB05A Datasheet
433Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005 DYELEC-KBP2005 Datasheet
192Kb / 2P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SMC Diode Solutions Co....
KBP2005G SMCDIODE-KBP2005G_V01 Datasheet
403Kb / 5P
   SINGLE PHASE 2.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
logo
DIYI Electronic Technol...
RDB201 DYELEC-RDB201_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB201S DYELEC-RDB201S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com