Electronic Components Datasheet Search |
|
SBT40L200CT Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd. |
|
SBT40L200CT Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd. |
1 / 5 page SBT40L200CT SBT40L200FCT SBT40L200CK SBT40L200CG 40A LOW VF SCHOTTKY RECTIFIER Features • Ultra Low Forward Voltage Drop • Excellent High Temperature Stability • Patented Super Barrier Rectifier Technology • Soft, Fast Switching Capability Mechanical Data • Case: TO-220AB, ITO-220AB,TO-262AB,TO-263AB • Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0 • Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 1 / 5 May.2015-REV.00 www.dyelec.com Ordering Information Part No. Package Packing TO-220AB 50pcs / Tube SBT40L200CT ITO-220AB 50pcs / Tube SBT40L200FCT TO-262AB 50pcs / Tube SBT40L200CK TO-263AB 50pcs / Tube SBT40L200CG TO-263AB 800pcs / Reel SBT40L200CG MAXIMUM RATINGS(TA=25oC unless otherwise noted) Note : 1. Mounted on infinite heatsink. PARAMETER SYMBOL VALUE UNIT Maximum repetitive peak reverse voltage VRRM 200 V Maximum average forward rectified current per diode per device I F(AV) 40 20 A Peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode I FSM 300 A Typical thermal resistance per diode (Note 1) RJC 4 o C/W Operating junction temperature range TJ -55 to + 150 o C Storage temperature range TSTG -55 to + 150 o C Maximum rms voltage VRMS 140 V |
Similar Part No. - SBT40L200CT |
|
Similar Description - SBT40L200CT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |