Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDB105 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # EDB105
Description  SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

EDB105 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  EDB105 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. EDB105 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EDB101-EDB103
EDB105
5
EDB10
EDB104
EDB101
version:01
2 of 2
1.0
0.8
0.4
0.6
0
0.2
0
40
80
120
160
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Output Current Derating Curve
A
°
Resistive or Inductive Load
THRU
60
40
20
Pulse Width =8.3ms
0
1.0
10
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
(JEDEC Method)
A
°
0.9
9
0.3
0.6
0.01
0.1
1.0
10
1.5
1.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
1.2
2.1
1000
100
10
1
0.1
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig
ypical Reverse Characteristics (per element)
T = 25 C
°
T = 125 C
°
J
J
www.dyelec.com
.4 T


Similar Part No. - EDB105

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
EDB105 RECTRON-EDB105 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
EDB105 BILIN-EDB105 Datasheet
92Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Rectron Semiconductor
EDB105 RECTRON-EDB105 Datasheet
229Kb / 4P
   GLASS PASSIVATED SUPER FAST SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
EDB105 LUGUANG-EDB105 Datasheet
165Kb / 2P
   Silicon Bridge Rectifiers
logo
Diode Semiconductor Kor...
EDB105 DSK-EDB105 Datasheet
110Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - EDB105

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
MB05MU DYELEC-MB05MU Datasheet
1,001Kb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB101S DYELEC-EDB101S Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101 DYELEC-UDB101 Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB1SU DYELEC-MB1SU Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB101S DYELEC-UDB101S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB101 DYELEC-DB101_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB101 DYELEC-RDB101_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS2U DYELEC-ABS2U_16 Datasheet
5Mb / 3P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Sangdest Microelectroni...
ABF2U SMC-ABF2U Datasheet
175Kb / 5P
   SINGLE PHASE 1.0AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com