Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C33AMC-C2N-T2 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-812C33AMC-C2N-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C33AMC-C2N-T2 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-812C33AMC-C2N-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-812C33AMC-C2N-T2 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.1.0
S-812C Series
8
Seiko Instruments Inc.
3. Power-off function (ON/OFF pin)
The ON/OFF pin controls the start and stop of the regulation operation.
When the ON/OFF pin is set to power-off level, halting whole internal circuit and turning off the Pch MOSFET
between VIN and VOUT, current consumption is drastically reduced. The voltage of the VOUT pin becomes
VSS level due to the internal resistance divider of several M
Ω between VOUT and VSS.
The ON/OFF pin should not be left afloat since no pull-up nor pull-down is made internally as shown in figure
10. Note that the current consumption increases if a voltage between 0.3V and VIN-0.3V is applied to the
ON/OFF pin. When the power-off function is not used, connect the pin to the VIN pin in case of positive logic
and to the VSS pin in case of negative logic.
Table 8 Power-off function
Product
type
ON/OFF pin
Internal
circuit
VOUT pin
voltage
Current
consumption
B
“H” : Power on
Operate
Set value
Iss
B
“L” : Power off
Halt
VSS level
Iss2
When a regulation operation at light load less than 100uA is halted, output voltage
may increase. If the increase of the output voltage should be avoided, pull down the VOUT pin to the VSS level
as soon as ON/OFF pin goes to the power-down level.
4. Short-circuit protection
Installation of the short-circuit protection which protects the output transistor against short-circuit between
VOUT and VSS can be selected in the S-812C series. The short-circuit protection controls output current as
shown in the typical characteristics, (1) OUTPUT VOLTAGE versus OUTPUT CURRENT, and suppresses
output current at about 40 mA even if VOUT and VSS pins are short-circuited.
The short-circuit protection can not at the same time be a thermal protection. Attention should be paid to the
Input voltage and the load current under the actual condition so as not to exceed the power dissipation of the
package including the case for short-circuit.
When the output current is large and the difference between input and output voltage is large even if not
shorted, the short-circuit protection may work and the output current is suppressed to the specified value.
Products without short-circuit protection can provide comparatively large current by removing a short-circuit
protection.
„ Selection of External Components
Output Capacitor (CL)
The S-812C series can provide stable operation without output capacitor (CL) since the regulator has an
internal phase compensation circuit to stabilize operation when the load changes. The transient response of
the regulator, however, changes with the output capacitor and the magnitude of overshoot and undershoot on
output voltage accordingly changes. Please refer to CL dependence data in “Transient Response
Characteristics” to select suitable value for the capacitor. .
When a tantalum or an aluminum electrolytic capacitor is used, the ESR of the capacitor shall be 10
Ω or less.
When an aluminum electrolytic capacitor is used attention should be especially paid to since the ESR of the
aluminum electrolytic capacitor increases at low temperature and possibility of oscillation becomes large.
Sufficient evaluation including temperature characteristics is indispensable.
VIN
ON/OFF
VSS
Figure 10


Similar Part No. - S-812C33AMC-C2N-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C33AMC-C2NT2G SII-S-812C33AMC-C2NT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C33AMC-C2NT2X ABLIC-S-812C33AMC-C2NT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C33AMC-C2N-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com