Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ3502 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # GBJ3502
Description  SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GBJ3502 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  GBJ3502 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GBJ3502 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBJ35005 THRU GBJ3510
150
2 of 2
www.sddydz.com
version:01
. 1 Output Current Deratin
T , AMBIENT TEMPERATURE ( C)
Fig
g Curve
A
°
200
0
0
50
100
150
10.0
30.0
Single Phase Half
Wave 60Hz
Resistive or
inductive Load
with heatsink
20.0
40.0
0.05
0.5
50
5
0.8
1.2
0.6
0.4
1.0
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
NUMBER OF CYCLES AT 60 Hz
T
1
10
100
0
350
200
150
100
50
250
300
400
PERCEN OF RATED PEAK REVERSE VOLTAGE
TA=25°C
10
1.0
0.1
0.01
0
40
60
80
100
120
140
20
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
Fig. 4 Typical Junction Capacitance
FIG.5 TYPICAL REVERSE CHRACTERISTICS
(V)
PERCENT OF RATED PEAK INVERSE VOLTGE
020
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃


Similar Part No. - GBJ3502

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ3502 MCC-GBJ3502 Datasheet
76Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Microdiode Electronics ...
GBJ3502 CHENDA-GBJ3502 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ3502 SIRECTIFIER-GBJ3502 Datasheet
94Kb / 2P
   Single Phase Bridge Rectifiers
logo
Nanjing International G...
GBJ3502 DGNJDZ-GBJ3502 Datasheet
711Kb / 2P
   SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
GBJ3502 TAITRON-GBJ3502 Datasheet
247Kb / 4P
   Single-Phase Glass Passivated Bridge Rectifier
More results

Similar Description - GBJ3502

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
GBJ20005 DYELEC-GBJ20005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ25005 DYELEC-GBJ25005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ6005 DYELEC-GBJ6005 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Fuji Electric
2W005G FUJI-2W005G Datasheet
729Kb / 1P
   2 AMP GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
DIYI Electronic Technol...
GBPC25005 DYELEC-GBPC25005 Datasheet
2Mb / 2P
   SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBPC25005W DYELEC-GBPC25005W Datasheet
2Mb / 2P
   SINGLE PHASE 25.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ8005 DYELEC-GBJ8005 Datasheet
3Mb / 2P
   SINGLE PHASE 8.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBPC15005W DYELEC-GBPC15005W Datasheet
2Mb / 2P
   SINGLE PHASE 15.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
GBU4005 SKTECHNOLGY-GBU4005 Datasheet
574Kb / 2P
   Single Phase 4.0 AMP Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
RABF2 DYELEC-RABF2_17 Datasheet
5Mb / 3P
   SINGLE PHASE 0.8 AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com