Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ5002 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # GBJ5002
Description  SINGLE PHASE 50.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

GBJ5002 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  GBJ5002 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. GBJ5002 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
150
version:01
. 1 Output Current Deratin
T ,CASE TEMPERATURE( C)
Fig
g Curve
C
°
200
0
0
50
100
150
15.0
45.0
Single Phase Half
Wave 60Hz
30.0
60.0
0.1
1
100
10
0.8
1.2
0.6
0.4
1.0
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics (per leg)
F
T= 25 C
Pulse Width = 300 s
A
°
µ
NUMBER OF CYCLES AT 60 Hz
T
1
10
100
0
350
200
150
100
50
250
300
400
PERCEN OF RATED PEAK REVERSE VOLTAGE
TA=25°C
10
1.0
0.1
0.01
0
40
60
80
100
120
140
20
Fig. 3 Maximum Peak Forward Surge Current (per leg)
T = 25 C
Single Half Sine-Wave
Pulse Width = 8.3ms
(JEDEC Method)
A
°
Fig. 4 Typical Junction Capacitance
FIG.5 TYPICAL REVERSE CHRACTERISTICS
(V)
PERCENT OF RATED PEAK INVERSE VOLTGE
020
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
GBJ50005 THRU GBJ5010
450
2of2
www.dyelec.com
with heatsink
without heatsink


Similar Part No. - GBJ5002

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBJ5002 SECOS-GBJ5002 Datasheet
853Kb / 2P
   Voltage 50V ~ 1000V 50.0 Amp Glass Passivited Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
GBJ5002 YFWDIODE-GBJ5002 Datasheet
629Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
GBJ5002 YANGJIE-GBJ5002 Datasheet
457Kb / 4P
   Bridge Rectifiers
logo
Microdiode Electronics ...
GBJ5002 CHENDA-GBJ5002 Datasheet
1Mb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
GBJ5002 MCC-GBJ5002 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ5002

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com