Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDB304S Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # RDB304S
Description  SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

RDB304S Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  RDB304S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. RDB304S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
307S
306S
305S
304S
303S
302S
301S
S,
RDB 07S
RDB 01S
@IF=3.0A
80
3.0
250
500
1.3
version:01
RRM
J
C
Features
Mechanical Data
· Case: DB-
molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
50
100
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1)@TA=40℃
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
VFM
V
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
IR
5.0
500
uA
Typical Junction Capacitance per leg
25
pF
Typical Thermal Resistance per leg
(Note 2)
RθJA
40
/W
RθJL
15
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
Maximum reverse recovery time
ns
150
RR
T
Note 3)
THRU
3
3
RDB
RDB
RDB
RDB
RDB
RDB
RDB
www.dyelec.com
0
· Glass passivated die construction
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
· Plastic material-UL flammability 94V-
0.083
2.10
0.313
0.329
7.95
8.35
0.402(10.2)
0.378 9.6
0.311
0.291
7.9
7.4
0.035
0.043
0.9
1.1
-
+
~
~
DB-S
0.098(2.50)
0.205(5.2)
0.197(5.0)
Dimensions in inches and (millimeters)
Version
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
3.0
SINGLE PHASE
AMP


Similar Part No. - RDB304S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
RDB304S DYELEC-RDB304S Datasheet
2Mb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - RDB304S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
UDB301S DYELEC-UDB301S Datasheet
929Kb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB301 DYELEC-DB301_16 Datasheet
2Mb / 3P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB301 DYELEC-DB301 Datasheet
1Mb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB301S DYELEC-DB301S Datasheet
1Mb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB301S DYELEC-EDB301S Datasheet
2Mb / 2P
   SINGLE PHASE 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB301 DYELEC-EDB301 Datasheet
2Mb / 2P
   SINGLE PHAS E 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB301 DYELEC-UDB301 Datasheet
996Kb / 2P
   SINGLE PHAS E 3 . 0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
ABS2U SECOS-ABS2U Datasheet
174Kb / 2P
   1 Amp Single Phase Surface Mount Glass Passivated Bridge Rectifier
logo
DIYI Electronic Technol...
UDB301S DYELEC-UDB301S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB301S DYELEC-RDB301S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com