Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2726 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2726
Description  High Speed Synchronous MOSFET Drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2726 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM2726 Datasheet HTML 1Page - National Semiconductor (TI) LM2726 Datasheet HTML 2Page - National Semiconductor (TI) LM2726 Datasheet HTML 3Page - National Semiconductor (TI) LM2726 Datasheet HTML 4Page - National Semiconductor (TI) LM2726 Datasheet HTML 5Page - National Semiconductor (TI) LM2726 Datasheet HTML 6Page - National Semiconductor (TI) LM2726 Datasheet HTML 7Page - National Semiconductor (TI) LM2726 Datasheet HTML 8Page - National Semiconductor (TI) LM2726 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics
LM2725 (Continued)
VCC = CBOOT = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for T
A
=T
J = +25˚C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
LOGIC
V
IH_EN
EN Pin High Input
2.4
V
V
IL_EN
EN Pin Low Input
0.8
V
I
leak_EN
EN Pin Leakage Current
EN = VCC = 5V
−2
2
µA
VCC = 5V, EN = 0V
−2
2
t
on_min
Minimum Positive Input
Pulse Width
(Note 4)
55
ns
t
off_min
Minimum Negative Input
Pulse Width
(Note 5)
55
V
IH_PWM
PWM_IN High Level
Input Voltage
When PWM_IN pin goes
high from 0V
2.4
V
V
IL_PWM
PWM_IN Low Level
Input Voltage
When PWM_IN pin goes
low from 5V
0.8
Electrical Characteristics
LM2726
VCC = CBOOT = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for T
A
=T
J = +25˚C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
POWER SUPPLY
I
q_op
Operating Quiescent
Current
PWM_IN = 0V
185
250
µA
I
q_sd
Shutdown Quiescent
Current
EN = 0V, PWM_IN = 0V
0.5
15
µA
TOP DRIVER
Peak Pull-Up Current
Test Circuit 1, V
bias = 5V,
R = 0.1
3.0
A
Pull-Up Rds_on
I
CBOOT =IHG = 1.0A
1.2
Peak Pull-down Current
Test Circuit 2, V
bias = 5V,
R = 0.1
−3.2
A
Pull-down Rds_on
I
SW =IHG = 1.0A
0.5
t
4
Rise Time
Timing Diagram, C
LOAD =
3.3nF
17
ns
t
6
Fall Time
12
ns
t
3
Pull-Up Dead Time
Timing Diagram
19
ns
t
5
Pull-Down Delay
Timing Diagram, from
PWM_IN from Falling Edge
27
ns
BOTTOM DRIVER
Peak Pull-Up Current
Test Circuit 3, V
bias = 5V,
R = 0.1
3.2
A
Pull-up Rds_on
I
VCC =ILG = 1.0A
1.1
Peak Pull-down Current
Test Circuit 4, V
bias = 5V,
R = 0.1
−3.2
A
Pull-down Rds_on
I
GND =ILG = 1.0A
0.6
t
8
Rise Time
Timing Diagram, C
LOAD =
3.3nF
17
ns
t
2
Fall Time
14
ns
t
7
Pull-up Dead Time
Timing Diagram
12
ns
www.national.com
4


Similar Part No. - LM2726

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27262 NSC-LM27262 Datasheet
1Mb / 22P
   Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
LM27262LQ NSC-LM27262LQ Datasheet
1Mb / 22P
   Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
LM27262LQX NSC-LM27262LQX Datasheet
1Mb / 22P
   Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
LM27262MTD NSC-LM27262MTD Datasheet
1Mb / 22P
   Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
LM27262MTDX NSC-LM27262MTDX Datasheet
1Mb / 22P
   Intel CPU Core Voltage Regulator Controller for VRD10 Compatible PCs
More results

Similar Description - LM2726

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4442-1 LINER-LTC4442-1_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4442 LINER-LTC4442_15 Datasheet
184Kb / 14P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
Texas Instruments
LM2725 TI1-LM2725 Datasheet
780Kb / 16P
[Old version datasheet]   LM2725/LM2726 High Speed Synchronous MOSFET Drivers
logo
Linear Technology
LTC4442 LINER-LTC4442 Datasheet
161Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
LTC4443 LINER-LTC4443 Datasheet
145Kb / 12P
   High Speed Synchronous N-Channel MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com