Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD78F6DF-1 Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # LD78F6DF-1
Description  Laser Printer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

LD78F6DF-1 Datasheet(HTML) 1 Page - Sensortechnics GmbH

  LD78F6DF-1 Datasheet HTML 1Page - Sensortechnics GmbH LD78F6DF-1 Datasheet HTML 2Page - Sensortechnics GmbH LD78F6DF-1 Datasheet HTML 3Page - Sensortechnics GmbH LD78F6DF-1 Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LD78F6DF-1
AlGaAs Laser Diode
Quantum Semiconductor International Co., Ltd.
OVERVIEW
LD78F6DF-1 is a MOCVD grown 780nm band AlGaAs laser diode with quantum well structure.
It’s an attractive light source with a typical light output power of 10mW for industrial optical module and
sensor application.
APPLICATION
- Laser Printer
- Digital Copiers
- Industrial optical module
FEATURES
- Visible Light Output
: λp = 780 nm
- Optical Power Output : 10mW CW
- Dual Beam
: 14um pitch (beam to beam)
- Package Type
: TO-18 (5.6mmφ)
- Built-in Photo Diode for Monitoring Laser Diode
ELECTRICAL CONNECTION
Bottom View
Pin Configuration
March. 2006. Ver 4
LD78F6DF-1


Similar Part No. - LD78F6DF-1

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78F6S-A SENSORTECHNICS-LD78F6S-A Datasheet
569Kb / 4P
   Industrial optical module
More results

Similar Description - LD78F6DF-1

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
LD78C6S-A SENSORTECHNICS-LD78C6S-A Datasheet
761Kb / 6P
   Laser Beam Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Rohm
RLD65NZT1 ROHM-RLD65NZT1 Datasheet
69Kb / 3P
   Barcode, printer red laser diode
logo
Cypress Semiconductor
CY24242 CYPRESS-CY24242 Datasheet
224Kb / 10P
   Laser Printer System Frequency Synthesizer
logo
Rohm
RLD78MZGM ROHM-RLD78MZGM Datasheet
118Kb / 3P
   Infra-red Laser for Sensor, Printer
logo
Roithner LaserTechnik G...
ADL-85501TL ROITHNER-ADL-85501TL Datasheet
107Kb / 1P
   Bar-code Scanner Laser printer Military
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com