Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

552-02S Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 552-02S
Description  Low Skew 2-input MUX and 1 to 8 Clock Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

552-02S Datasheet(HTML) 2 Page - Integrated Device Technology

  552-02S Datasheet HTML 1Page - Integrated Device Technology 552-02S Datasheet HTML 2Page - Integrated Device Technology 552-02S Datasheet HTML 3Page - Integrated Device Technology 552-02S Datasheet HTML 4Page - Integrated Device Technology 552-02S Datasheet HTML 5Page - Integrated Device Technology 552-02S Datasheet HTML 6Page - Integrated Device Technology 552-02S Datasheet HTML 7Page - Integrated Device Technology 552-02S Datasheet HTML 8Page - Integrated Device Technology 552-02S Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LOW SKEW 2-INPUT MUX AND 1 TO 8 CLOCK BUFFER
2
JULY 11, 2016
552-02S DATASHEET
Pin Assignments
Input Source Select
Pin Descriptions
External Components
A minimum number of external components are required for proper operation. Decoupling capacitors of 0.01
F should be
connected between VDD on pin 2 and GND on pin 7, and between VDD on pin 15 and GND on pin 10, as close to the device
as possible. A 33
 series terminating resistor should be used on each clock output if the trace is longer than 1 inch.
To achieve the low output skews that the 552-02S is capable of, careful attention must be paid to board layout. Essentially, all 8
outputs must have identical terminations, identical loads, and identical trace geometries. If they do not, the output skew will be
degraded. For example, using a 30
series termination on one output (with 33 on the others) will cause at least 15ps of skew.
SELA
Input
0INB
1INA
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
OE
Input
Output Enable. Tri-states outputs when low. Internal pull-up resistor.
2
VDD
Power
Connect to +1.8V, +2.5V or +3.3V. Must be the same as pin 15.
3
Q0
Output
Clock Output 0.
4
Q1
Output
Clock Output 1.
5
Q2
Output
Clock Output 2.
6
Q3
Output
Clock Output 3.
7
GND
Power
Connect to ground.
8
INB
Input
Clock Input B. 3.3V tolerant.
9
INA
Input
Clock Input A. 3.3V tolerant.
10
GND
Power
Connect to ground.
11
Q4
Output
Clock Output 4.
12
Q5
Output
Clock Output 5.
13
Q6
Output
Clock Output 6.
14
Q7
Output
Clock Output 7.
15
VDD
Power
Connect to +1.8V, +2.5V or +3.3V. Must be the same as pin 2.
16
SELA
Input
Selects either INA or INB. Internal pull-up resistor.
12
1
11
2
10
3
9
OE
4
VDD
5
Q0
6
VDD
7
Q1
8
Q2
Q7
Q6
Q5
Q3
Q4
INA
GND
GND
16
15
14
13
INB
SELA
16 Pin TSSOP
1
16-pin VFQFN
5
9
13
OE
VDD
Q0
Q1
Q5
Q4
GND
INA
2
3
4
67
8
10
11
12
14
15
16


Similar Part No. - 552-02S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
552-02S IDT-552-02S Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
552-02SCMGI IDT-552-02SCMGI Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
552-02SCMGI RENESAS-552-02SCMGI Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
552-02SCMGI8 IDT-552-02SCMGI8 Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
More results

Similar Description - 552-02S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS552G-02I IDT-ICS552G-02I Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552G-02ILN IDT-552G-02ILN Datasheet
104Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
552-02S IDT-552-02S_17 Datasheet
377Kb / 12P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
logo
Renesas Technology Corp
ICS552-02 RENESAS-ICS552-02 Datasheet
262Kb / 8P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS552-02 ICST-ICS552-02 Datasheet
96Kb / 6P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
   Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
logo
Integrated Device Techn...
ICS552-02 IDT-ICS552-02 Datasheet
109Kb / 7P
   LOW SKEW 2 INPUT MUX AND 1 TO 8 CLOCK BUFFER Industrial temperature
logo
Renesas Technology Corp
IDT5P30017 RENESAS-IDT5P30017 Datasheet
260Kb / 9P
   Low Skew 1 to 2 Clock Buffer
2019
74FCT38072S RENESAS-74FCT38072S Datasheet
534Kb / 9P
   Low Skew 1 to 2 Clock Buffer
FEBRUARY 3, 2023
logo
Silicon Laboratories
SI53360 SILABS-SI53360 Datasheet
1Mb / 15P
   1:8 LOW JITTER CMOS CLOCK BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com