Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83058AGILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 83058AGILFT
Description  8:1, Single-Ended Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83058AGILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  83058AGILFT Datasheet HTML 1Page - Integrated Device Technology 83058AGILFT Datasheet HTML 2Page - Integrated Device Technology 83058AGILFT Datasheet HTML 3Page - Integrated Device Technology 83058AGILFT Datasheet HTML 4Page - Integrated Device Technology 83058AGILFT Datasheet HTML 5Page - Integrated Device Technology 83058AGILFT Datasheet HTML 6Page - Integrated Device Technology 83058AGILFT Datasheet HTML 7Page - Integrated Device Technology 83058AGILFT Datasheet HTML 8Page - Integrated Device Technology 83058AGILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
83058 Datasheet
©2015 Integrated Device Technology, Inc
December 15, 2015
5
TABLE 5B. AC CHARACTERISTICS, V
DD
= 3.3V ± 5%, V
DDO
= 2.5V ± 5%, TA = -40°C TO 85°C
TABLE 5C. AC CHARACTERISTICS, V
DD
= 3.3V ± 5%, V
DDO
= 1.8V ± 5%, TA = -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
tp
LH
Propagation Delay, Low to High; NOTE 1
2.0
2.5
3.1
ns
tp
HL
Propagation Delay, High to Low; NOTE 1
2.6
2.8
3.0
ns
tsk(i)
Input Skew; NOTE 2
45
150
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section;
NOTE 3
155.52MHz,
(12kHz to 20MHz)
0.14
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
400
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
50
500
ps
odc
Output Duty Cycle
45
55
%
MUX
ISOL
MUX Isolation
@ 100MHz
45
dB
NOTE 1: Measured from V
DD
/2 of the input to V
DDO
/2 of the output.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Driving only one input clock.
NOTE 4: Defined as skew between outputs on different devices operating a the same supply voltages and
with equal load conditions. Using the same type of input on each device, the output is measured at V
DDO
/2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
tp
LH
Propagation Delay, Low to High; NOTE 1
2.3
2.9
3.8
ns
tp
HL
Propagation Delay, High to Low; NOTE 1
2.8
3.3
3.8
ns
tsk(i)
Input Skew; NOTE 2
50
150
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section;
NOTE 3
155.52MHz,
(12kHz to 20MHz)
0.16
ps
tsk(pp)
Part-to-Part Skew; NOTE 2, 4
475
ps
t
R
/ t
F
Output Rise/Fall Time
20% to 80%
100
700
ps
odc
Output Duty Cycle
45
55
%
MUX
ISOL
MUX Isolation
@ 100MHz
45
dB
NOTE 1: Measured from V
DD
/2 of the input to V
DDO
/2 of the output.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Driving only one input clock.
NOTE 4: Defined as skew between outputs on different devices operating a the same supply voltages and
with equal load conditions. Using the same type of input on each device, the output is measured at V
DDO
/2.


Similar Part No. - 83058AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83058AGILFT IDT-83058AGILFT Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
83058AGILFT RENESAS-83058AGILFT Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
More results

Similar Description - 83058AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Circuit Syst...
ICS83058I ICST-ICS83058I Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
83058 IDT-83058_15 Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
logo
Integrated Circuit Syst...
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
   6:1, SINGLE-ENDED MULTIPLEXER
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
   2:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
   2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
   4:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
   2 1 single-ended multiplexer
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
   4:1, SINGLE-ENDED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com