Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8732-01 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 8732-01
Description  Low Voltage, Low Skew 3.3V LVPECL Clock Generator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8732-01 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 8732-01 Datasheet HTML 6Page - Integrated Device Technology 8732-01 Datasheet HTML 7Page - Integrated Device Technology 8732-01 Datasheet HTML 8Page - Integrated Device Technology 8732-01 Datasheet HTML 9Page - Integrated Device Technology 8732-01 Datasheet HTML 10Page - Integrated Device Technology 8732-01 Datasheet HTML 11Page - Integrated Device Technology 8732-01 Datasheet HTML 12Page - Integrated Device Technology 8732-01 Datasheet HTML 13Page - Integrated Device Technology 8732-01 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
8732-01 Data Sheet
©2016 Integrated Device Technology, Inc
Revision E January 22, 2016
10
C16
10uF
U1
ICS8732-01
14
15
16
17
18
19
20
21
22
23
24
25
26
52
51
50
49
48
47
46
45
44
43
42
41
40
DIV_SELA1
DIV_SELA0
VCC
VEE
CLK1
nCLK0
CLK0
CLK_SEL
VCCA
nc
DIV_SELB1
DIV_SELB0
VCC
VEE
FBDIV_SEL2
FBDIV_SEL1
FBDIV_SEL0
nFB_IN
FB_IN
VCC
VEE
nQFB0
QFB0
nQFB1
QFB1
VCCO
To Logic
Input
pins
R13
1K
C7
0.1uF
RD2
1K
R7
50
Logic Input Pin Examples
R14
1K
+
-
R7
10
DIV_SELA1
VCC
VCC
FBDIV_SEL2
C4
0.1uF
VCC=3.3V
R9
50
VCC
R12
50
+
-
R1
50
C5
0.1uF
VCCA
R6
50
(U1-1)
SP = Spare (i.e. not intstalled)
(U1-39)
Zo = 50
DIV_SELB1
R2
50
Zo = 50
VCC
Set Logic
Input to
'0'
Zo = 50
C3
0.1uF
Bypass capacitors located near the power pins
Zo = 50
Zo = 50
Zo = 50
To Logic
Input
pins
DIV_SELA0
FBDIV_SEL1
R11
50
RU2
SP
(U1-16)
C2
0.1uF
R8
50
DIV_SELB0
C8
0.1uF
Set Logic
Input to
'1'
FBDIV_SEL0
C6
0.1uF
RD1
SP
(U1-32)
C11
0.1uF
RU1
1K
(U1-26)
VCC
(U1-40)
VCC
R10
50
R3
50
(U1-46)
LVPECL
(U1-8)
C1
0.1uF
VCC
R5
50
R4
50
LAYOUT GUIDELINE
Figure 5 shows a schematic example of the 8732-01. In this
example, the CLK0/nCLK0 input is selected. The decoupling
capacitors should be physically located near the power pin. For
8732-01, the unused outputs can be left floating.
FIGURE 5. 8732-01 LVPECL BUFFER SCHEMATIC EXAMPLE


Similar Part No. - 8732-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8732-01 RENESAS-8732-01 Datasheet
406Kb / 18P
   Low Voltage, Low Skew 3.3V LVPECL Clock Generator
January 22, 2016
More results

Similar Description - 8732-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8732-01 RENESAS-8732-01 Datasheet
406Kb / 18P
   Low Voltage, Low Skew 3.3V LVPECL Clock Generator
January 22, 2016
logo
Integrated Device Techn...
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
   Low Skew Differential-to- 3.3V LVPECL Clock Generator
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
   Low Skew Differential-to-3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
   Low Skew, Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
87322BI RENESAS-87322BI Datasheet
429Kb / 17P
   Low Skew, ÷1/÷2, 3.3V LVPECL/ECL Clock Generator
2019
logo
Integrated Circuit Syst...
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
   LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8737-11 RENESAS-8737-11 Datasheet
425Kb / 18P
   Low Skew, ÷1/÷2 Differential-to-3.3V LVPECL Clock Generator
2/13/15
8737I-11 RENESAS-8737I-11 Datasheet
550Kb / 16P
   Low Skew ÷1/÷2 Differential-to- 3.3V LVPECL Clock Generator
7/16/15
logo
Integrated Device Techn...
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
   LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
   Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com