Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

830154I-08 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 830154I-08
Description  Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

830154I-08 Datasheet(HTML) 4 Page - Integrated Device Technology

  830154I-08 Datasheet HTML 1Page - Integrated Device Technology 830154I-08 Datasheet HTML 2Page - Integrated Device Technology 830154I-08 Datasheet HTML 3Page - Integrated Device Technology 830154I-08 Datasheet HTML 4Page - Integrated Device Technology 830154I-08 Datasheet HTML 5Page - Integrated Device Technology 830154I-08 Datasheet HTML 6Page - Integrated Device Technology 830154I-08 Datasheet HTML 7Page - Integrated Device Technology 830154I-08 Datasheet HTML 8Page - Integrated Device Technology 830154I-08 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
©2016 Integrated Device Technology, Inc
Revision A March 30, 2016
830154I-08 Data Sheet
Table 4E. LVCMOS DC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
Table 4F. LVCMOS DC Characteristics, VDD = 2.5V ± 5%, TA = -40°C to 85°C
Table 4G. LVCMOS DC Characteristics, VDD = 1.8V ± 0.15V, TA = -40°C to 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
0.65 * VDD
3.6
V
VIL
Input Low Voltage
-0.3
0.35 * VDD
V
IIH
Input High Current
CLK_IN
VDD = VIN = 3.465V
150
µA
OE
VDD = VIN = 3.465V
5
µA
IIL
Input Low Current
CLK_IN
VDD = 3.465V, VIN = 0V
-5
µA
OE
VDD = 3.465V, VIN = 0V
-150
µA
VOH
Output High Voltage
Q[4:1]
IOH = -12mA
2.6
V
VOL
Output Low Voltage
Q[4:1]
IOL = 12mA
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
0.65 * VDD
3.6
V
VIL
Input Low Voltage
-0.3
0.35 * VDD
V
IIH
Input High Current
CLK_IN
VDD = VIN = 2.625V
150
µA
OE
VDD = VIN = 2.625V
5
µA
IIL
Input Low Current
CLK_IN
VDD = 2.625V, VIN = 0V
-5
µA
OE
VDD = 2.625V, VIN = 0V
-150
µA
VOH
Output High Voltage
Q[4:1]]
IOH = -12mA
1.8
V
VOL
Output Low Voltage
Q[4:1]
IOL = 12mA
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
0.65 * VDD
3.6
V
VIL
Input Low Voltage
-0.3
0.35 * VDD
V
IIH
Input High Current
CLK_IN
VDD = VIN = 1.95V
150
µA
OE
5µA
IIL
Input Low Current
CLK_IN
VDD = 1.95V, VIN = 0V
-5
µA
OE
VDD = 1.95V, VIN = 0V
-150
µA
VOH
Output High Voltage
Q[4:1]
IOH = -6mA
VDD – 0.45
V
VOL
Output Low Voltage
Q[4:1]
IOL = 6mA
0.45
V


Similar Part No. - 830154I-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
830154I-08 RENESAS-830154I-08 Datasheet
486Kb / 18P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
March 30, 2016
More results

Similar Description - 830154I-08

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
830154I-08 RENESAS-830154I-08 Datasheet
486Kb / 18P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
March 30, 2016
logo
Integrated Device Techn...
ICS830154I-08 IDT-ICS830154I-08 Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
ICS830154AMI-08LF IDT-ICS830154AMI-08LF Datasheet
876Kb / 16P
   Over-Voltage Tolerant 1.5V, 1:4 Fanout Buffer
logo
ON Semiconductor
NB3U1548C ONSEMI-NB3U1548C Datasheet
116Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
October, 2015 ??Rev. 3
NB3U1548C ONSEMI-NB3U1548C_17 Datasheet
115Kb / 11P
   Skew Over Voltage Tolerant Fanout Buffer
January, 2017 ??Rev. 4
logo
Cypress Semiconductor
CY2HH8110 CYPRESS-CY2HH8110 Datasheet
95Kb / 7P
   1.5V 1:10 HSTL Fanout Buffer
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814 Datasheet
120Kb / 9P
   1:4 Clock Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
   1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
   1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com