Electronic Components Datasheet Search |
|
S-812C48AMC-C3C-T2 Datasheet(PDF) 2 Page - Seiko Instruments Inc |
|
S-812C48AMC-C3C-T2 Datasheet(HTML) 2 Page - Seiko Instruments Inc |
2 / 26 page HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR Rev.1.0 S-812C Series 2 Seiko Instruments Inc. Absolute Maximum Ratings Table 1 (Ta=25 °C unless otherwise specified) Item Symbol Absolute Maximum Rating Units Input voltage VIN 18 V VON/OFF VSS-0.3 to 18 V Output voltage VOUT VSS-0.3 to VIN+0.3 V Power dissipation PD 250(SOT-23-5),500 (SOT-89-5) 500(SOT-89-3),400(TO-92) mW Operating temperature range Topr -40 to +85 °C Storage temperature range Tstg -40 to +125 °C Note: Although the IC contains protection circuit against static electricity, excessive static electricity or voltage which exceeds the limit of the protection circuit should not be applied to. Selection Guide Product Name S-812C xx Axx - xxx - T2 IC orientation for taping specifications Package code MC: SOT-23-5 UA: SOT-89-3 UC: SOT-89-5 Y : TO-92 WI: WAFER Product code Function A: No short-circuit protection and no power-off function B: Short-circuit protection and power-off function ON/OFF pin; Positive logic Output voltage x 10 Table 2.1 Selection Guide S-812CxxB series (Short-circuit protection and power-off fuction) Output Voltage SOT-23-5 SOT-89-5 2.0 V ± 2.0% −− 3.0 V ± 2.0% S-812C30BMC-C4K-T2 − 3.3 V ± 2.0% −− 3.5 V ± 2.0% −− 3.8 V ± 2.0% −− 4.0 V ± 2.0% −− 5.0 V ± 2.0% S-812C50BMC-C5E-T2 − Please contact our sales office for products with an output voltage not listed above. |
Similar Part No. - S-812C48AMC-C3C-T2 |
|
Similar Description - S-812C48AMC-C3C-T2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |