Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDB325S Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # KDB325S
Description  Ideally Suited for Automatic Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KDB325S Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KDB325S Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KDB325S Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
325S
320S
315S
310S
38S
36S
35S
345S
34S
33S
32S
S,
KDB32S THRU KDB325S
@IF=3.0A
80
3.0
=100
20
75
28
5
0.05
mA
10
0.1
0.9
0.92
0.85
0.7
0.55
=90
56
42
35
31
28
21
250
200
150
100
80
60
50
45
40
30
14
20
KDB
version:01
RRM
J
C
Features
Mechanical Data
· Case: DB-
molded plastic
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
· Lead Free: For RoHS / Lead Free
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
V
VRWM
VDC
RMS Reverse Voltage
VRMS
V
Average Rectified Output Current (Note 1)@TA
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
VFM
V
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA
IR
Typical Junction Capacitance per leg
pF
Typical Thermal Resistance per leg
(Note 2)
RθJA
/W
RθJL
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1 of 2
KDB KDB KDB KDB KDB KDB
70
KDB
105
KDB
140
KDB
175
KDB
·
·
·
·
·
0
Low Power Loss,High Efficiency
Ideally Suited for Automatic Assembly
For Use in Low Voltage Application
Plastic Case Material has UL Flammability
Classification Rating 94V-
High current capacity,low VF
SINGLE PHASE
AMP SURFACE MOUNT
BRIDGE RECTIFIER
SCHOTTKY
3.0
www.dyelec.com
Version
0.083
2.10
0.313
0.329
7.95
8.35
0.402(10.2)
0.378 9.6
0.311
0.291
7.9
7.4
0.035
0.043
0.9
1.1
-
+
~
~
DB-S
0.098(2.50)
0.205(5.2)
0.197(5.0)
Dimensions in inches and (millimeters)


Similar Part No. - KDB325S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KDB325 DYELEC-KDB325 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results

Similar Description - KDB325S

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KABS12 DYELEC-KABS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS12 DYELEC-SS12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS24L DYELEC-SS24L Datasheet
2Mb / 2P
   Ideally Suited for Automatic Assembly
KMB22S DYELEC-KMB22S Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S14L DYELEC-S14L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
S32U DYELEC-S32U Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
logo
Sangdest Microelectroni...
ER3A SMC-ER3A Datasheet
144Kb / 4P
   Ideally Suited for Automatic Assembly
logo
DIYI Electronic Technol...
KABF32 DYELEC-KABF32 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
KABF12 DYELEC-KABF12 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
SS54L DYELEC-SS54L Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com