Electronic Components Datasheet Search |
|
RABF210 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd. |
|
RABF210 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd. |
1 / 2 page plastic ABF =40 RRM 0 @IF=2.0A RABF210 RABF28 RABF26 RABF24 RABF22 60 2.0 Features · Glass passivated die construction · Low forward voltage drop · High current capability · High surge current capability · Designed for surface mount application · Plastic material-UL flammability 94V- Mechanical Data · Case: SOPA-4, molded · Terminals: plated leads solderable per MIL-STD-202, Method 208 · Polarity: as marked on case · Mounting position: Any · Marking: type number Maximum Ratings and Electrical Characteristics Rating at 25℃ ambient temperature unless otherwise specified. Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER SYMBOL UNITS Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage V 200 400 600 800 1000 V VRWM VDC RMS Reverse Voltage VRMS 140 280 420 560 700 V Average Rectified Output Current IO A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM A Forward Voltage per element VFM 1.3 V Peak Reverse Current At Rated DC Blocking Voltage IR 5.0 500 uA Typical Thermal Resistance per leg RθJA 62.5 ℃/W RθJL 25 Operating and Storage Temperature Range TJ,TSTG -55to+150 ℃ version:01 1 of 2 A @T ℃ =125 =25 A @T ℃ ℃ A @T RABF210 RABF22 THRU SINGLE PHASE AMP FAST GLASS PASSIVATED BRIDGE RECTIFIER 2.0 1) Time 500 Maximum Reverse Recovery Trr 150 250 ns (Note Note: 1.Reverse Recovery Test Conditions:IF=0.5A,IR=1.0A,IRR=0.25A. ABF www.dyelec.com |
Similar Part No. - RABF210 |
|
Similar Description - RABF210 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |