Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1715749808 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1715749808
Description  Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1715749808 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1715749808 Datasheet HTML 1Page - Molex Electronics Ltd. 1715749808 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
100Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-9999-001, AS-76850-990-001
Packaging Specification
PK-70873-8021
Product Specification
PS-45499-002-001, PS-76060-999-001
Sales Drawing
SD-171574-0003
Symbol/Footprint Data
SYM-171574-9808
This document was generated on 12/05/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1715749808

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715749808 MOLEX1-1715749808_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
More results

Similar Description - 1715749808

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1715749808 MOLEX1-1715749808_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715749807 MOLEX11-1715749807 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715749804 MOLEX1-1715749804_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715749807 MOLEX1-1715749807_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715749804 MOLEX11-1715749804 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715749805 MOLEX1-1715749805_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715749805 MOLEX11-1715749805 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 4-Pair, Bottom Guide
1715759107 MOLEX1-1715759107_17 Datasheet
40Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 5-Pair, Bottom Guide
1715769208 MOLEX11-1715769208 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Bottom Guide
1715769207 MOLEX1-1715769207_17 Datasheet
39Kb / 2P
   Impact 100 Ohm Right-Angle Orthogonal Direct Header, 6-Pair, Bottom Guide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com