Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHSF-60 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CHSF-60
Description  Compact high speed fuses ??500Vac/dc, 50-400A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CHSF-60 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CHSF-60 Datasheet HTML 1Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 2Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 3Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 4Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 5Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 6Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 7Page - Cooper Bussmann, Inc. CHSF-60 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Technical Data 10414
Effective October 2015
BUSSMANN
SERIES
Compact high speed fuses — 500Vac/dc, 50-400A
Catalog symbol:
CHSF-(amp)
Description:
Eaton’s Bussmann® series compact high speed
fuses feature space-saving case sizes for
protecting semiconductor devices up to 500Vac/dc
in ratings from 50 to 400 amps.
Specifications:
Ratings
Volts - 500Vac/dc
Amps – 50-400A
Interrupting rating
Max AC – 200kA
Min AC 400%
Max DC – 50kA
Min DC 800%
Conforms to IEC® aR specifications for short-
circuit protection
Agency information
UL® Recognized, File E56412, Guide JFHR2
CSA® Component Acceptance, Class 1422-30,
File 53787
IEC aR (self certified)
CE
RoHS compliant
REACH declaration available upon request
Features:
Use up to 48% less enclosure space to help
reduce the overall assembly size
Innovative design allows for a significantly
smaller package without compromising
heat rise performance, preventing extensive
equipment redesign
Global acceptance with UL, CSA, IEC and RoHS
for products sold worldwide
Bolt-on design provides design flexibility for
installation in fuse blocks or direct mounting on
busbars
Meets JASO D622 spec for thermal shock,
humidity, and vibration
Superior current cycling performance helps
withstand demanding applications
Recommended fuse blocks
Up to 100 amps
Catalog numbers
Wire size
Stud size
BH-0111
#14-2/0 Cu
1/4-20
BH-0112
#14-2/0 Cu
5/16-18
BH-0121
(2) #14-1/0 Cu
1/4-20
BH-0122
(2) #14-1/0 Cu
5/16-18
1BS101
#14-2/0 Cu
1/4-20 x 1/2
See data sheet No. 1200 (BH-01_) and No. 1206
(1BS101) for details.
Up to 400 amps
Catalog numbers Wire size
Stud size
BH-1131
#6-250kcmil Cu 1/4-20
BH-1132
#6-250kcmil Cu 5/16-18
1BS102
#6-250kcmil Cu 1/4-20 x 1/2
See data sheet No. 1201 (BH-11_) and No. 1207
(1BS102) for details.


Similar Part No. - CHSF-60

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CHS COPAL-CHS Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
TE Connectivity Ltd
CHS TEC-CHS Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
List of Unclassifed Man...
CHS-01A ETC1-CHS-01A Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
logo
Copal Electronics
CHS-01A COPAL-CHS-01A Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
List of Unclassifed Man...
CHS-01A1 ETC1-CHS-01A1 Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
More results

Similar Description - CHSF-60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
STMicroelectronics
TSH310 STMICROELECTRONICS-TSH310 Datasheet
449Kb / 19P
   400A High-Speed Operational Amplifier
logo
Sanyo Semicon Device
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com