Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM25060-1MW24 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # HM25060-1MW24
Description  Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HM25060-1MW24 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button HM25060-1MW24 Datasheet HTML 3Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 4Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 5Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 6Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 7Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 8Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 9Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 10Page - Cooper Bussmann, Inc. HM25060-1MW24 Datasheet HTML 11Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Technical Data 10490
Effective June 2016
Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
Eaton.com/bussmannseries
600 V, 60 A dimensions — mm (in)
Catalog nos. HM60060-(poles)MW12 — Two ports in, one port out
41.0
1.61
8.4
.33
3.4
.13
5.0
.20
39.6
1.56
30.1
1.18
17.1
.67
5.0
.20
R3.6
.14
38.3
1.51
7.1
.28
38.3
1.51
77.9
3.07
12.7
.50
25.6
1.01
53.5
2.11
38.3
1.51
116.1
4.57
202 [8.0]
With optional cover, see catalog number table on page three for available versions


Similar Part No. - HM25060-1MW24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM25060-1MW24 ETC1-HM25060-1MW24 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
More results

Similar Description - HM25060-1MW24

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Cooper Bussmann, Inc.
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
HM25060-1MW12 ETC1-HM25060-1MW12 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
   250 V NON/600 V NOS Class K5 and H fuses
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com