Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM60030-1CR Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # HM60030-1CR
Description  Class H(K), J and R modular ferrule fuse blocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HM60030-1CR Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

  HM60030-1CR Datasheet HTML 1Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 2Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 3Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 4Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 5Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 6Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 7Page - Cooper Bussmann, Inc. HM60030-1CR Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Technical Data 10289
Effective December 2015
Class H(K), J and R ferrule fuse blocks
Eaton.com/bussmannseries
Class J - 30A block
17
.7
46
1.8
58
2.3
R3
.1
12
.5
87
3.4
29
1.1
28
1.1
28
1.1
56
2.2
55
2.2
110
4.3
84
3.3
83
3.3
With cover.
See table 7 for available covers.
Class J - 60A block
53
2.1
65
2.6
18
.7
39
1.5
38
1.5
94
3.7
7
.3
R3
.1
18
.7
5
.2
77
3.0
75
3.0
38
1.5
113
4.5
114
4.5
119
4.7
With cover.
See table 7 for available covers.
Dimensions - mm (in):


Similar Part No. - HM60030-1CR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HM60030-1MW14 COOPER-HM60030-1MW14 Datasheet
5Mb / 11P
   Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
logo
List of Unclassifed Man...
HM60030-1MW14 ETC1-HM60030-1MW14 Datasheet
5Mb / 11P
   ferrule power distribution fuse blocks
More results

Similar Description - HM60030-1CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com