Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHSF-125 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # CHSF-125
Description  Compact high speed fuses ??500Vac/dc, 50-400A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CHSF-125 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  CHSF-125 Datasheet HTML 1Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 2Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 3Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 4Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 5Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 6Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 7Page - Cooper Bussmann, Inc. CHSF-125 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Technical Data 10414
Effective October 2015
Compact high speed fuses
Eaton.com/bussmannseries
AC minimum melt
0.001
0.01
0.1
1
10
100
1000
10,000
Prospective current (ARMS)
A
A
CHSF-225
CHSF-250
CHSF-300
CHSF-350
CHSF-400
CHSF-125
CHSF-150
CHSF-175
CHSF-200
CHSF-50
CHSF-60
CHSF-70
CHSF-80
CHSF-100


Similar Part No. - CHSF-125

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CHS COPAL-CHS Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
TE Connectivity Ltd
CHS TEC-CHS Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
List of Unclassifed Man...
CHS-01A ETC1-CHS-01A Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
logo
Copal Electronics
CHS-01A COPAL-CHS-01A Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
List of Unclassifed Man...
CHS-01A1 ETC1-CHS-01A1 Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
More results

Similar Description - CHSF-125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
STMicroelectronics
TSH310 STMICROELECTRONICS-TSH310 Datasheet
449Kb / 19P
   400A High-Speed Operational Amplifier
logo
Sanyo Semicon Device
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com