Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQ1-31000S Datasheet(PDF) 9 Page - NEC

Part # EQ1-31000S
Description  AUTOMOTIVE RELAYS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EQ1-31000S Datasheet(HTML) 9 Page - NEC

Back Button EQ1-31000S Datasheet HTML 4Page - NEC EQ1-31000S Datasheet HTML 5Page - NEC EQ1-31000S Datasheet HTML 6Page - NEC EQ1-31000S Datasheet HTML 7Page - NEC EQ1-31000S Datasheet HTML 8Page - NEC EQ1-31000S Datasheet HTML 9Page - NEC EQ1-31000S Datasheet HTML 10Page - NEC EQ1-31000S Datasheet HTML 11Page - NEC EQ1-31000S Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
EQ1 SERIES
Operate Voltage
Number of Operations (
×103)
Number of Operations (
×103)
–60
–40
–20
0
20
40
60
1
0
10
100
1000
Release Voltage
–60
–40
–20
0
20
40
60
1
0
10
100
1000
Operate Time
Number of Operations (
×103)
0
2
4
6
8
10
0
2
4
6
8
10
1
0
10
100
1000
Number of Operations (
×103)
1
10
100
1
0
10
100
1000
Number of Operations (
×103)
1
10
100
1
0
10
100
1000
Release Time
Number of Operations (
×103)
1
0
10
100
1000
Electrical Life Test 2
• Ambient Temperature
: 23
°C
• Frequency
: 1s ON, 29s OFF
• Contact Load
: 14 Vdc, 108 W, Tungsten Lamp
• Number of Operations
: 100
× 103
• Samples
: EQ1-22111S 10 pieces
Contact Resistance of
Normally Open Contact
Contact Resistance of
Normally Close Contact
14 Vdc
27W
× 4


Similar Part No. - EQ1-31000S

ManufacturerPart #DatasheetDescription
logo
NEC
EQ1-31000S NEC-EQ1-31000S Datasheet
72Kb / 4P
   Same pin-layout as conventional relay, 70% less relay volume than conventional relay
More results

Similar Description - EQ1-31000S

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DG85D-JMPR AEC-DG85D-JMPR Datasheet
159Kb / 1P
   automotive relays
logo
Kemet Corporation
ET2 KEMET-ET2 Datasheet
369Kb / 9P
   AUTOMOTIVE RELAYS
2019.4.1
logo
Willow Technologies Ltd
DG56A WILLOW-DG56A Datasheet
390Kb / 3P
   automotive relays
logo
NEC
ET2-B3M1S NEC-ET2-B3M1S Datasheet
129Kb / 12P
   AUTOMOTIVE RELAYS
logo
Willow Technologies Ltd
DG55 WILLOW-DG55 Datasheet
248Kb / 3P
   automotive relays
DG56C WILLOW-DG56C Datasheet
245Kb / 3P
   automotive relays
logo
NEC
EN2-1N1S NEC-EN2-1N1S Datasheet
193Kb / 12P
   AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
American Electronic Com...
DG85G AEC-DG85G Datasheet
334Kb / 4P
   automotive / industrial relays
logo
TE Connectivity Ltd
ISO TEC-ISO Datasheet
483Kb / 2P
   Automotive Relays Accessories
logo
American Electronic Com...
DG85D AEC-DG85D Datasheet
503Kb / 4P
   automotive / industrial relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com