Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP80N055ELE Datasheet(PDF) 6 Page - NEC

Part # NP80N055ELE
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP80N055ELE Datasheet(HTML) 6 Page - NEC

Back Button NP80N055ELE_07 Datasheet HTML 2Page - NEC NP80N055ELE_07 Datasheet HTML 3Page - NEC NP80N055ELE_07 Datasheet HTML 4Page - NEC NP80N055ELE_07 Datasheet HTML 5Page - NEC NP80N055ELE_07 Datasheet HTML 6Page - NEC NP80N055ELE_07 Datasheet HTML 7Page - NEC NP80N055ELE_07 Datasheet HTML 8Page - NEC NP80N055ELE_07 Datasheet HTML 9Page - NEC NP80N055ELE_07 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14097EJ6V0DS
6
NP80N055ELE, NP80N055KLE, NP80N055CLE, NP80N055DLE, NP80N055MLE, NP80N055NLE
Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
0
−50
4
8
12
0
50
100
150
ID = 40 A
16
20
24
10 V
5 V
VGS = 4.5 V
Pulsed
Figure13. SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VF(S-D) - Source to Drain Voltage - V
0.5
Pulsed
0.1
1
10
100
1000
0 V
VGS = 10 V
Figure14. CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0.1
100
1000
10000
110
100
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
Figure15. SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
1000
10
100
tf
tr
td(on)
td(off)
VDD = 28 V
VGS = 10 V
RG = 1
Ω
Figure16. REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
IF - Diode Forward Current - A
di/dt = 100 A/
μs
VGS = 0 V
1
0.1
10
1
10
100
1000
100
Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
10
20
40
60
80
70
60
50
40
30
20
10
0
VDD = 44 V
28 V
11 V
VDS
030
50
16
14
12
10
8
6
4
2
0
ID = 80 A
70
80
VGS


Similar Part No. - NP80N055ELE_07

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N055ELE-E1-AY NEC-NP80N055ELE-E1-AY Datasheet
225Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N055ELE-E1-AY RENESAS-NP80N055ELE-E1-AY Datasheet
312Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
NEC
NP80N055ELE-E2-AY NEC-NP80N055ELE-E2-AY Datasheet
225Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N055ELE-E2-AY RENESAS-NP80N055ELE-E2-AY Datasheet
312Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP80N055ELE RENESAS-NP80N055ELE_15 Datasheet
313Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP80N055ELE_07

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com