Electronic Components Datasheet Search |
|
C308F160mA Datasheet(PDF) 2 Page - Cooper Bussmann, Inc. |
|
C308F160mA Datasheet(HTML) 2 Page - Cooper Bussmann, Inc. |
2 / 5 page 2 Technical Data 4405 Effective October 2015 C308F Ferrule and axial lead 3 x 8.4 mm fast-acting, ceramic tube fuses for barrier applications www.eaton.com/elx Product specifications Part number Voltage rating Vac/dc Color coding Interrupting rating @ 250 Vac/dc (amps)* Typical DC cold resistance (Ω)** Typical melting I²T*** Agency Information cURus Ferrule Axial lead C308F40mA C308F-V-40mA 250 Grey 4000 14.2 0.00006 X C308F50mA C308F-V-50mA Red 9.40 0.00049 X C308F80mA C308F-V-80mA Green 5.10 0.00050 X C308F100mA C308F-V-100mA Yellow 2.87 0.00087 X C308F125mA C308F-V-125mA Orange 2.20 0.00134 X C308F160mA C308F-V-160mA Violet 2.05 0.00166 X C308F200mA C308F-V-200mA Brown 1.01 0.00237 X C308F250mA C308F-V-250mA Black 0.71 0.00530 X * AC Interrupting Rating (4000A, PF = 0.4); DC Interrupting Rating measured at rated voltage, time constant 4 microseconds, battery source. ** DC Cold Resistance (Measured at ≤10% of rated current). *** Typical I2t measured at 10In. Electrical characteristics Amp Rating % of Amp Rating Opening Time 40mA~250mA 110% 4 Hours, min 300% 10 Seconds, max 1000% 0.002 Seconds, max Environmental data • Thermal Shock: MIL-STD-202G, Method 107G (Test Condition 5 cycles -55°C to 125°C) • Resistance to Solder Heat: MIL-STD-202G Method 210F • Vibration: MIL-STD-202G, Method 201A (10~55Hz) Condition A, “-V” axial leaded version IEC60068-2-6 • Solderability: J-STD-002C, Test Method C1, “-V” axial leaded version IEC60127-2/A3.3 • Component Life Reliability: 125°C, 500h Dimensions–mm |
Similar Part No. - C308F160mA |
|
Similar Description - C308F160mA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |