Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIDAC Datasheet(PDF) 5 Page - Teccor Electronics

Part # SIDAC
Description  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

SIDAC Datasheet(HTML) 5 Page - Teccor Electronics

  SIDAC Datasheet HTML 1Page - Teccor Electronics SIDAC Datasheet HTML 2Page - Teccor Electronics SIDAC Datasheet HTML 3Page - Teccor Electronics SIDAC Datasheet HTML 4Page - Teccor Electronics SIDAC Datasheet HTML 5Page - Teccor Electronics SIDAC Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SIDAC
Teccor Electronics
9-5
SIDAC
(972) 580-7777
Figure 9.8
On-State Current vs On-State Voltage (Typical)
Figure 9.9
Power Dissipation (Typical) vs On-State Current
Figure 9.10
Comparison of Sidac vs SCR
Figure 9.11
Ignitor Circuit (Low Voltage Input)
Figure 9.12
Typical High Pressure Sodium Lamp Firing Circuit
Figure 9.13
Xenon Lamp Flashing Circuit
0
0.8
1.2
1.0
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0
1
2
3
4
5
6
7
8
9
Positive or Negative Instantaneous On-State Voltage (vT) - Volts
TL =25˚C
TO-202 "F" Package
TO-92, DO-214AA & DO-15X
"E", "S" and "G" Packages
0.2
0.4
0.6
0.8
1.0
0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: See Figure 9.15
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
1.8
2.0
2.2
RMS On-State Current [IT(RMS)] - Amps
TO-202 "F" Package
"E", "S" & "G" Packages
TO-92, DO-214AA & DO-15X
100-250
VAC
60 Hz
100-250
VAC
60 Hz
SCR
SIDAC
4.7
µF
100V
10
µF
50V
24 VAC
60 Hz
4.7
µF
100V
½ W
K1200E
SIDAC
200V
H.V.
IGNITOR
1.2
µF
4.7 k
-
+
-
+
+
-
SIDAC
120 VAC
60 Hz
16 mH
3.3 K
0.47
µF
400V
BALLAST
SIDAC
220 VAC
60 Hz
7.5 K
0.22
µF
BALLAST
LAMP
120 VAC
220 VAC
LAMP
-
+
+
-
XENON LAMP
K2200F1
10
µF
2w
120VAC
60Hz
10
µF
450V
4KV
.01
µF
400V
20 M
SIDAC
200-
400V
100
250V
TRIGGER
TRANSFORMER
20:1


Similar Part No. - SIDAC

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SIDAC JINANJINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts c
logo
Jinan Jing Heng Electro...
SIDAC JINGHENG-SIDAC Datasheet
98Kb / 5P
   Bilateral Voltage triggered Swit h Breakover Voltage:95-330Volts
logo
Shanghai Shunye Electro...
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
Zibo Seno Electronic En...
SIDAC-95-330V ZSELEC-SIDAC-95-330V Datasheet
264Kb / 6P
   SIDAC
More results

Similar Description - SIDAC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com