Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCPB-2-100CF Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # CCPB-2-100CF
Description  CUBEFuseTM Compact Circuit Protector Base (CCPB)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCPB-2-100CF Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  CCPB-2-100CF Datasheet HTML 1Page - Cooper Bussmann, Inc. CCPB-2-100CF Datasheet HTML 2Page - Cooper Bussmann, Inc. CCPB-2-100CF Datasheet HTML 3Page - Cooper Bussmann, Inc. CCPB-2-100CF Datasheet HTML 4Page - Cooper Bussmann, Inc. CCPB-2-100CF Datasheet HTML 5Page - Cooper Bussmann, Inc. CCPB-2-100CF Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CUBEFuseTM Compact Circuit Protector Base (CCPB)
Product description:
The revolutionary Bussmann® series Compact
Circuit Protector Base (CCPB) with Bussmann
series CUBEFuse™ is designed as a fused
branch circuit disconnect switch for the
Bussmann series Quik-Spec™ Coordination
Panelboard. The CCPB with CUBEFuse
simplifies selective coordination and lockout/
tagout provisions allow for isolation of
individual branch circuit loads for safe work
practices.
Features and benefits:
Uses finger-safe, current-limiting Bussmann
series UL® Class CF CUBEFuse with Class J
performance available, time-delay or
fast-acting versions from 1 to 100 amps*
Patented ampacity rejection feature helps
prevent overfusing
High 200kA short-circuit current ratings
Disconnect rated to provide means for load
isolation
All versions are full voltage rated at 600 Vac
125Vdc rated for 80 A and below
UL 98 Listed and suitable for branch circuit
disconnect
1-, 2- and 3-pole versions are horsepower
rated
Listed to UL and cULus
Open fuse indication light per pole
Additional open fuse indication can be
provided by using the time-delay indicating
CUBEFuse version (6-100 A only)
Built-in switch/fuse interlock prohibits fuse
removal while energized
Permanent lockout/tagout provisions
Lock-ON provision available when used
in the Bussmann series Quik-SpecTM
Coordination Panelboard (QSCP)
* See data sheet No. 9000 for time-delay CUBEFuse
and data sheet No. 2147 for fast-acting CUBEFuse
specifications.
Technical Data 1161
Effective April 2016
Supersedes October 2015
BUSSMANN
SERIES


Similar Part No. - CCPB-2-100CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCPB-2-100CF ETC1-CCPB-2-100CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
More results

Similar Description - CCPB-2-100CF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPLP-1-20G-S COOPER-CCPLP-1-20G-S Datasheet
719Kb / 6P
   Low Profile Compact Circuit Protector (CCPLP)
logo
Eaton All Rights Reserv...
CCPLP EATON-CCPLP Datasheet
719Kb / 6P
   Low Profile Compact Circuit Protector (CCPLP)
logo
Cooper Bussmann, Inc.
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
UN10004 PANASONIC-UN10004 Datasheet
27Kb / 1P
   Circuit Protector Elements
UNH0003 PANASONIC-UNH0003 Datasheet
46Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com