Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB2-3SNU-L Datasheet(PDF) 2 Page - NEC

Part # UB2-3SNU-L
Description  Super-compact size, Slim-package, Surface mounting type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UB2-3SNU-L Datasheet(HTML) 2 Page - NEC

  UB2-3SNU-L Datasheet HTML 1Page - NEC UB2-3SNU-L Datasheet HTML 2Page - NEC UB2-3SNU-L Datasheet HTML 3Page - NEC UB2-3SNU-L Datasheet HTML 4Page - NEC UB2-3SNU-L Datasheet HTML 5Page - NEC UB2-3SNU-L Datasheet HTML 6Page - NEC UB2-3SNU-L Datasheet HTML 7Page - NEC UB2-3SNU-L Datasheet HTML 8Page - NEC UB2-3SNU-L Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UA2/UB2 SERIES
DATA SHEET ER0450EJ2V0DS00
2
Tolerance of lead pitch is
±0.15 mm [0.006 inch]
Another tolerance is
±0.3 mm [0.012 inch]
( ) is reference.
Value of trimmed lead type (NJ type)
10.6 [0.417]
mm [inch]
(1.5)
(1.5)
3.2
[0.126]
2.2
[0.087]
2.2
[0.087]
5.7 [0.224]
3.2
[0.126]
8 - 0.85
7.6
(mm)
3.2
2.2
2.2
φ
DIMENSIONS AND PAD LAYOUTS (Unit : mm [inch])
UA2 SERIES
UB2 SERIES
10.6 [0.417]
mm [inch]
3.2
[0.126]
2.2
[0.087]
2.2
[0.087]
3.2 [0.126]
7.4 [0.291]
∗6.0 [0.236]
(1.5)
(1.5)
5.7 [0.224]
Tolerance of lead pitch is
±0.15 mm [0.006 inch]
Another tolerance is
±0.3 mm [0.012 inch]
( ) is reference.
Value of minimum footprint type (NUN type)
7.6
(mm)
0.8
3.2
2.2
2.2
(Bottom view)
Note. General tolerance :
±0.1
(Bottom view)
Note. General tolerance :
±0.1


Similar Part No. - UB2-3SNU-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
More results

Similar Description - UB2-3SNU-L

ManufacturerPart #DatasheetDescription
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
International Rectifier
AHN12324 IRF-AHN12324 Datasheet
136Kb / 6P
   Slim and compact size
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
   Compact type power surface mount package
logo
NEC
EB2-5SNUH-L NEC-EB2-5SNUH-L Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
ALPS ELECTRIC CO.,LTD.
SKQY ALPS-SKQY Datasheet
172Kb / 3P
   6.1횞3.7mm Compact High-speed Mounting(Surface Mount Type)
logo
Protech Systems Co., Lt...
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com