Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10G1 Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # C10G1
Description  Cylindrical fuse links
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C10G1 Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button C10G1 Datasheet HTML 4Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 5Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 6Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 7Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 8Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 9Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 10Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 11Page - Cooper Bussmann, Inc. C10G1 Datasheet HTML 12Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Technical Data 720115
Effective February 2015
Bussmann series
Cylindrical fuse links
EATON www.eaton.com
Table 4. Catalogue Numbers aM 8 x 31, 10 x 38 and 14 x 51
mm
Size
(mm)
Class Current
(A)
Voltage
(V a.c.)
Breaking
Capacity
(kA)
Catalogue
Numbers
Pack
Quantity
Fuse
Holders*
8 x 31 mm Without indicator
8 x 31
aM
1
400
20
C08M1
10
-
8 x 31
aM
2
400
20
C08M2
10
-
8 x 31
aM
4
400
20
C08M4
10
-
8 x 31
aM
6
400
20
C08M6
10
-
8 x 31
aM
8
400
20
C08M8
10
-
10 x 38 mm Without indicator
10 x 38 aM
0.25
500
120
C10M0-25 10
CHM
10 x 38 aM
0.5
500
120
C10M0-5
10
CHM
10 x 38 aM
1
500
120
C10M1
10
CHM
10 x 38 aM
2
500
120
C10M2
10
CHM
10 x 38 aM
4
500
120
C10M4
10
CHM
10 x 38 aM
6
500
120
C10M6
10
CHM
10 x 38 aM
8
500
120
C10M8
10
CHM
10 x 38 aM
10
500
120
C10M10
10
CHM
10 x 38 aM
12
500
120
C10M12
10
CHM
10 x 38 aM
16
500
120
C10M16
10
CHM
10 x 38 aM
20
400
120
C10M20
10
CHM
10 x 38 aM
25
400
120
C10M25
10
CHM
10 x 38 mm With indicator
10 x 38
aM
1
500
120
C10M1I
10
CHM
10 x 38
aM
2
500
120
C10M2I
10
CHM
10 x 38
aM
4
500
120
C10M4I
10
CHM
10 x 38
aM
6
500
120
C10M6I
10
CHM
10 x 38
aM
8
500
120
C10M8I
10
CHM
10 x 38
aM
10
500
120
C10M10I
10
CHM
10 x 38
aM
12
500
120
C10M12I
10
CHM
10 x 38
aM
16
500
120
C10M16I
10
CHM
10 x 38
aM
20
400
120
C10M20I
10
CHM
10 x 38
aM
25
400
120
C10M25I
10
CHM
Size
(mm)
Class Current
(A)
Voltage
(V a.c.)
Breaking
Capacity
(kA)
Catalogue
Numbers
Pack
quantity
Fuse
Holders*
14 x 51 mm Without indicator
14 x 51
aM
0.25
690
120
C14M0-25
10
CH14
14 x 51
aM
0.5
690
120
C14M0-5
10
CH14
14 x 51
aM
1
690
80
C14M1
10
CH14
14 x 51
aM
2
690
80
C14M2
10
CH14
14 x 51
aM
4
690
80
C14M4
10
CH14
14 x 51
aM
6
690
80
C14M6
10
CH14
14 x 51
aM
8
690
80
C14M8
10
CH14
14 x 51
aM
10
690
80
C14M10
10
CH14
14 x 51
aM
12
690
80
C14M12
10
CH14
14 x 51
aM
16
690
80
C14M16
10
CH14
14 x 51
aM
20
690
80
C14M20
10
CH14
14 x 51
aM
25
690
80
C14M25
10
CH14
14 x 51
aM
32
500
120
C14M32
10
CH14
14 x 51
aM
40
500
120
C14M40
10
CH14
14 x 51
aM
50
400
120
C14M50
10
CH14
14 x 51 mm With indicator
14 x 51 aM
1
690
80
C14M1I
10
CH14
14 x 51 aM
2
690
80
C14M2I
10
CH14
14 x 51 aM
4
690
80
C14M4I
10
CH14
14 x 51 aM
6
690
80
C14M6I
10
CH14
14 x 51 aM
8
690
80
C14M8I
10
CH14
14 x 51 aM
10
690
80
C14M10I
10
CH14
14 x 51 aM
12
690
80
C14M12I
10
CH14
14 x 51 aM
16
690
80
C14M16I
10
CH14
14 x 51 aM
20
690
80
C14M20I
10
CH14
14 x 51 aM
25
690
80
C14M25I
10
CH14
14 x 51 aM
32
500
120
C14M32I
10
CH14
14 x 51 aM
40
500
120
C14M40I
10
CH14
14 x 51 aM
50
400
120
C14M50I
10
CH14
14 x 51 mm With striker
14 x 51
aM
2
500
120
C14M2S
10
CH14
14 x 51
aM
4
500
120
C14M4S
10
CH14
14 x 51
aM
6
500
120
C14M6S
10
CH14
14 x 51
aM
8
500
120
C14M8S
10
CH14
14 x 51
aM
10
500
120
C14M10S
10
CH14
14 x 51
aM
12
500
120
C14M12S
10
CH14
14 x 51
aM
16
500
120
C14M16S
10
CH14
14 x 51
aM
20
500
120
C14M20S
10
CH14
14 x 51
aM
25
500
120
C14M25S
10
CH14
14 x 51
aM
32
500
120
C14M32S
10
CH14
14 x 51
aM
40
500
120
C14M40S
10
CH14
14 x 51
aM
50
400
120
C14M50S
10
CH14
* Please contact our Technical department for further information on our range of modular fuse holders: 00 44 1509 882 699 or
buletechnical@eaton.com


Similar Part No. - C10G1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C10G1 COOPER-C10G1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
C10G10 COOPER-C10G10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
C10G10I COOPER-C10G10I Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
C10G12 COOPER-C10G12 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
C10G12I COOPER-C10G12I Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - C10G1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
SSD2 COOPER-SSD2_15 Datasheet
77Kb / 3P
   Standard fuse links size E1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com