Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEB-BW-RLC-A Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # HEB-BW-RLC-A
Description  HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HEB-BW-RLC-A Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  HEB-BW-RLC-A Datasheet HTML 1Page - Cooper Bussmann, Inc. HEB-BW-RLC-A Datasheet HTML 2Page - Cooper Bussmann, Inc. HEB-BW-RLC-A Datasheet HTML 3Page - Cooper Bussmann, Inc. HEB-BW-RLC-A Datasheet HTML 4Page - Cooper Bussmann, Inc. HEB-BW-RLC-A Datasheet HTML 5Page - Cooper Bussmann, Inc. HEB-BW-RLC-A Datasheet HTML 6Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data 2127
Effective December 2015
Bussmann series HEB breakaway and non-breakaway
in-line fuse holders for UL 13/32” x 1-1/2” supplemental fuses
Eaton.com/bussmannseries
Breakaway catalog number system
HEB - A W - RYC
Agency
Information
Loadside terminal
Lineside terminal
Length
A
(reference)
Non-
breakaway
equivalent
UL
CSA
Terminal type
Wire
range*
Terminal type
Wire
range*
HEB
A
RLC-A
X
X
Cu crimp
#8-16;
(2) #12-16
Cu crimp
#8-16;
(2) #12-16
5.8 (147)
HEB-AA
RLC-B
X
Cu crimp
#8-16;
(2) #12-16
Cu crimp
#6;
(2) #10
5.9 (150)
HEB-AB
RLC-C
X
Cu crimp
#8-16;
(2) #12-16
Cu crimp
#4 str;
(2) #8
6.2 (158)
HEB-AC
RLC-J
X
Cu crimp
#8-16;
(2) #12-16
Cu
setscrew
#3-12
6.2 (158)
HEB-AJ
RYC
X
Cu crimp
#8-16;
(2) #12-16
Cu dual
setscrew
#2-12
6.3 (159)
HEB-AK
RLA
Cu crimp
#8-16;
(2) #12-16
Al
setscrew
#2-12
6.2 (158)
HEB-AL
RYA
Cu crimp
#8-16;
(2) #12-16
Al dual
setscrew
#2-12
6.3 (159)
HEB-AY
B
RLC-A
X
Cu crimp
#6;
(2) #10
Cu crimp
#8-16;
(2) #12-16
5.8 (147)
HEB-BA
RLC-B
X
Cu crimp
#6;
(2) #10
Cu crimp
6#;
(2) #10
5.9 (150)
HEB-BB
RYC
X
Cu crimp
#6;
(2) #10
Cu dual
setscrew
#2-12
6.3 (159)
J
RLC-J
X
Cu
setscrew
#3-12
Cu
setscrew
#3-12
6.2 (158)
HEB-JJ
RYC
X
Cu
setscrew
#3-12
Cu dual
setscrew
#2-12
6.3 (159)
HEB-JK
K
RLC-J
X
Cu dual
setscrew
#2-12
Cu
setscrew
#3-12
6.2 (158)
RYC
X
Cu dual
setscrew
#2-12
Cu dual
setscrew
#2-12
6.3 (159)
L
RLA
Al
setscrew
#2-12
Al
setscrew
#2-12
6.2 (158)
HEB-LL
RLC-J
Al
setscrew
#2-12
Cu
setscrew
#3-12
6.2 (158)
RYA
Al
setscrew
#2-12
Al dual
setscrew
#2-12
6.3 (159)
* Solid/stranded conductors unless otherwise noted.
† Not dual wire rated. One wire per opening.
Dimensions - in (mm):
A
10.375 (263)
Assembled length
Breakaway
To order:
Specify catalog symbol HEB and the loadside terminal code plus the letter “W.”
Then select a lineside terminal code that is available with the loadside terminal.
Example: HEB-BW-RCL-B defines a breakaway holder with a loadside copper
crimp terminal for a single #6 or two #10 wires with a lineside copper crimp
terminal for a single #6 or two #10 wires.


Similar Part No. - HEB-BW-RLC-A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HEB-BW-RLC-A EATON-HEB-BW-RLC-A Datasheet
996Kb / 6P
   HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
More results

Similar Description - HEB-BW-RLC-A

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HEB EATON-HEB Datasheet
996Kb / 6P
   HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
List of Unclassifed Man...
2A0660 ETC1-2A0660 Datasheet
1Mb / 6P
   HEB breakaway and non-breakaway in-line fuse holders
logo
Cooper Bussmann, Inc.
HEZ-AA COOPER-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
logo
List of Unclassifed Man...
HEZ-AA ETC1-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders
logo
Cooper Bussmann, Inc.
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com