Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM25030-1SR Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # RM25030-1SR
Description  Class H(K), J and R modular ferrule fuse blocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25030-1SR Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

  RM25030-1SR Datasheet HTML 1Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 2Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 3Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25030-1SR Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Technical Data 10289
Effective December 2015
Class H(K), J and R ferrule fuse blocks
Eaton.com/bussmannseries
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this
document are by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical
information that will help the end user with design applications. Eaton reserves the right, without notice, to change design or construction
of any products and to discontinue or limit distribution of any products. Eaton also reserves the right to change or update, without notice,
any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible
applications.
Installing/removing covers
Closing cover: Position cover
over block and push straight
down until it snaps/clicks
into place.
Opening cover: Using both outside
handles, pull straight up.
Installing blocks on DIN-Rail
Place one edge of DIN-Rail in fuse block base, then rotate block down until it clicks into place.
Eato, Bussmann, Fusetron, Limitron and
Low-Peak are valuable trademarks of Eaton
in the US and other countries. You are not
permitted to use the Eaton trademarks
without prior written consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
UL is a registered trademark of
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 10289 - BU-SB14607
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.


Similar Part No. - RM25030-1SR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-1MW14 COOPER-RM25060-1MW14 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-1MW24 COOPER-RM25060-1MW24 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-2MW12 COOPER-RM25060-2MW12 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-2MW14 COOPER-RM25060-2MW14 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
More results

Similar Description - RM25030-1SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com