Electronic Components Datasheet Search |
|
XC6203E43AFL Datasheet(PDF) 9 Page - Torex Semiconductor |
|
XC6203E43AFL Datasheet(HTML) 9 Page - Torex Semiconductor |
9 / 18 page XC6203 Series 247 3 CIN VIN VSS VOUT RL CL VIN (Tantalum) 1 µF 1 µF (Tantalum) XC6203X502 VOUT(T)=5.0V (Note 1) Ta=25 °C IOUTmax ΔVOUT Vdif1 Vdif2 ISS ΔVOUT ΔVIN・ΔVOUT VIN ΔVOUT ΔTopr・VOUT Ilim VIN=6.0V IOUT=40mA VIN=6.0V VOUT ≥VOUT(E)×0.96 VIN=6.0V 1mA ≤IOUT≤200mA IOUT=100mA IOUT=200mA IOUT=40mA 6.0V ≤VIN≤8.0V VIN=6.0V IOUT=40mA -40 °C≤Topr≤85°C VIN=6.0V VOUT=0V 4.900 400 5.000 40 100 200 10.0 0.2 ±100 60 5.100 100 180 320 20.0 0.3 8 V mA mV mV µA %/V V ppm / °C mA MIN TYP MAX PARAMETER SYMBOL CONDITIONS UNITS Maximum Output Current Load Regulation Dropout Voltage (Note3) Input Voltage Output Voltage Temperature Characteristics Output Voltage VOUT(E)(Note2) Supply Current Line Regulation Short Circuit Current (XC6203P Series Only) Note : 1. VOUT(T) = Specified Output Voltage. 2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value). 3. Vdif = VIN1 - VOUT1 4. VOUT1 = A voltage equal to 98% of the output voltage when "VOUT(T)+1.0V" is input.e 5. VIN1 = The input voltage when VOUT1 is output following a gradual decrease in the input voltage. ■Typical Application Circuit 03S_03XC6203 02.9.12 2:54 PM ページ 247 |
Similar Part No. - XC6203E43AFL |
|
Similar Description - XC6203E43AFL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |