Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM25030-3PR Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # RM25030-3PR
Description  Class H(K), J and R modular ferrule fuse blocks
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

RM25030-3PR Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  RM25030-3PR Datasheet HTML 1Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 2Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 3Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 4Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 5Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 6Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 7Page - Cooper Bussmann, Inc. RM25030-3PR Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Technical Data 10289
Effective December 2015
Class H(K), J and R ferrule fuse blocks
Eaton.com/bussmannseries
Specifications
Ratings:
Volts
Class H 250V, 600V
Class J 600V
Class R 250V, 600V
Amps
up to 60A
Withstand Class J and R 200kA RMS Sym
Class H(K) 10kA RMS Sym
Agency information:
Blocks:
UL® Listed E14853 - IZLT
CSA® Certified 47235-6225-01
CE
RoHS Compliant
Conflict mineral free
REACH declaration available upon request
Covers:
UL Listed E58836 - JDVS
CSA Certified 47235-6225-01
RoHS Compliant
REACH declaration available upon request
Poles:
1-, 2-, 3-pole units factory assembled
Single-pole units snap together to create desired number of
poles
Flammability ratings:
Blocks — UL 94V0, self-extinguishing
Covers — UL 94HB, self-extinguishing
Operating and storage temperature range:
Blocks
-40°C to +120°C
Non-Indicating covers -40°C to +120°C
Indicating covers
-20°C to +90°C*
* Indication requires minimum 90Vac/dc and closed circuit to illuminate.
Materials:
Base — Thermoplastic
Terminals — Tin-plated copper brass
Covers — Thermoplastic
Recommended Bussmann series fuses:
Class H(K)
Basic protection general purpose 250V NON, data sheet
No. 1030
Basic protection general purpose 600V NOS, data sheet
No. 1030
Class J
Ultimate protection Low-Peak™ LPJ time-delay fuses,
data sheet No. 1006
Advanced protection Limitron™ JKS fast-acting fuses,
data sheet No. 1026
Class R
Ultimate protection Low-Peak LPN 250V time-delay,
data sheet No. 1003
Ultimate protection Low-Peak LPS 600V time-delay,
data sheet No. 1001
Advanced protection Limitron KTN-R 250V fast-acting,
data sheet No. 1043
Advanced protection Limitron KTS-R 600V fast-acting,
data sheet No. 1044
Advanced protection energy efficient Fusetron™ FRN 250V
time-delay, data sheet No. 1019
Advanced protection energy efficient Fusetron FRS, 600V
time-delay, data sheet No. 1017
Recommended Bussmann series DIN-Rail end stops:
Part No. BRKT-ND
Part No. BRKT-NDSCREW2
Marker labels:
Use Bussmann series part number TM26CB
Table 1. Terminals, conductors and torque values
Terminal type
AWG type/range
Torque
AWG
Lb-in (N•m)
Box Lug (“CR” Option)
75°C Cu 2-14, AL 2-8
2-3;
4-6;
8;
10-14;
50 (5.6)
45 (5.1)
40 (4.5)
35 (4.0)
All other terminals*
75/90°C Cu 10-18
10-18;
20 (2.3)
* 3/16“ Quick Connect terminal maximum ampacity dependent on female spade connector and wire ratings.


Similar Part No. - RM25030-3PR

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RM25060-1MW12 COOPER-RM25060-1MW12 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-1MW14 COOPER-RM25060-1MW14 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-1MW24 COOPER-RM25060-1MW24 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-2MW12 COOPER-RM25060-2MW12 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM25060-2MW14 COOPER-RM25060-2MW14 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
More results

Similar Description - RM25030-3PR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
   Class J modular ferrule and knifeblade fuse blocks
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
   Class H (K), J and R ferrule and blade fuse reducers
logo
Eaton All Rights Reserv...
H-K EATON-H-K Datasheet
547Kb / 2P
   Class H/K, J and R ferrule and blade fuse reducers
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
logo
Cooper Bussmann, Inc.
BCM603-1S COOPER-BCM603-1S Datasheet
1Mb / 3P
   Modular ferrule fuse blocks
logo
Littelfuse
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
   LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
   LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
List of Unclassifed Man...
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
   Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com