Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C08C Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-24C08C
Description  Write protect function during the low power supply voltage
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C08C Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-24C08C Datasheet HTML 7Page - Seiko Instruments Inc S-24C08C Datasheet HTML 8Page - Seiko Instruments Inc S-24C08C Datasheet HTML 9Page - Seiko Instruments Inc S-24C08C Datasheet HTML 10Page - Seiko Instruments Inc S-24C08C Datasheet HTML 11Page - Seiko Instruments Inc S-24C08C Datasheet HTML 12Page - Seiko Instruments Inc S-24C08C Datasheet HTML 13Page - Seiko Instruments Inc S-24C08C Datasheet HTML 14Page - Seiko Instruments Inc S-24C08C Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
2-WIRE SERIAL E2PROM
Rev.1.0_00_H
S-24C08C (WLP PRODUCT)
11
5. Device addressing
To start communication, the master device on the system generates a start condition to the bus line. Next, the
master device sends 7-bit device address and a 1-bit read / write instruction code on to the SDA bus.
The upper 4 bits of the device address are the “Device Code”, and are fixed to “1010”.
In the S-24C08C, successive 1 bit is called the “Slave Addrdess”. This 1 bit is used to identify a device on the system
bus and is compared with the predetermined value which is defined by the address input pin (A2). When the
comparison result matches, the slave device responds with an acknowledge during the 9th clocks cycle.
The successive 2 bits (P1 and P0) are used to define a page address and choose the four 256-byte memory blocks
(Address 000h to 0FFh, 100h to 1FFh, 200h to 2FFh and 300h to 3FFh).
Slave / Page
Address
1
0
1
0
A2
P1
P0
R / W
Device Code
LSB
MSB
Figure 10 Device Address


Similar Part No. - S-24C08C

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-24C08C ABLIC-S-24C08C Datasheet
449Kb / 33P
   2-WIRE SERIAL E2PROM
Rev.1.0_01_H
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
More results

Similar Description - S-24C08C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com