Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14G12I Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # C14G12I
Description  Cylindrical fuse links
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C14G12I Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  C14G12I Datasheet HTML 1Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 2Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 3Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 4Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 5Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 6Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 7Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 8Page - Cooper Bussmann, Inc. C14G12I Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Technical Data 720115
Effective February 2015
Bussmann series
Cylindrical fuse links
EATON www.eaton.com
Size
(mm)
Class
Current
(A)
Voltage
(V a.c.)
Breaking
Capacity
(kA)
Catalogue
Numbers
Pack
Quantity
Fuse
Holders*
22 x 58 mm Without indicator
22 x 58 gG/gL
2
690
80
C22G2
10
CH22
22 x 58 gG/gL
4
690
80
C22G4
10
CH22
22 x 58 gG/gL
6
690
80
C22G6
10
CH22
22 x 58 gG/gL
8
690
80
C22G8
10
CH22
22 x 58 gG/gL
10
690
80
C22G10
10
CH22
22 x 58 gG/gL
12
690
80
C22G12
10
CH22
22 x 58 gG/gL
16
690
80
C22G16
10
CH22
22 x 58 gG/gL
20
690
80
C22G20
10
CH22
22 x 58 gG/gL
25
690
80
C22G25
10
CH22
22 x 58 gG/gL
32
690
80
C22G32
10
CH22
22 x 58 gG/gL
40
690
80
C22G40
10
CH22
22 x 58 gG/gL
50
690
80
C22G50
10
CH22
22 x 58 gG/gL
63
690
80
C22G63
10
CH22
22 x 58 gG/gL
80
500
120
C22G80
10
CH22
22 x 58 gG/gL
100
500
120
C22G100
10
CH22
22 x 58 gG/gL
125
400
120
C22G125
10
CH22
22 x 58 mm With indicator
22 x 58 gG/gL
2
690
80
C22G2I
10
CH22
22 x 58 gG/gL
4
690
80
C22G4I
10
CH22
22 x 58 gG/gL
6
690
80
C22G6I
10
CH22
22 x 58 gG/gL
8
690
80
C22G8I
10
CH22
22 x 58 gG/gL
10
690
80
C22G10I
10
CH22
22 x 58 gG/gL
12
690
80
C22G12I
10
CH22
22 x 58 gG/gL
16
690
80
C22G16I
10
CH22
22 x 58 gG/gL
20
690
80
C22G20I
10
CH22
22 x 58 gG/gL
25
690
80
C22G25I
10
CH22
22 x 58 gG/gL
32
690
80
C22G32I
10
CH22
22 x 58 gG/gL
40
690
80
C22G40I
10
CH22
22 x 58 gG/gL
50
690
80
C22G50I
10
CH22
22 x 58 gG/gL
63
690
80
C22G63I
10
CH22
22 x 58 gG/gL
80
500
120
C22G80I
10
CH22
22 x 58 gG/gL
100
500
120
C22G100I
10
CH22
22 x 58 gG/gL
125
400
120
C22G125I
10
CH22
22 x 58 mm With striker
22 x 58 gG/gL
4
690
80
C22G4S
10
CH22
22 x 58 gG/gL
6
690
80
C22G6S
10
CH22
22 x 58 gG/gL
8
690
80
C22G8S
10
CH22
22 x 58 gG/gL
10
690
80
C22G10S
10
CH22
22 x 58 gG/gL
12
690
80
C22G12S
10
CH22
22 x 58 gG/gL
16
690
80
C22G16S
10
CH22
22 x 58 gG/gL
20
690
80
C22G20S
10
CH22
22 x 58 gG/gL
25
690
80
C22G25S
10
CH22
22 x 58 gG/gL
32
690
80
C22G32S
10
CH22
22 x 58 gG/gL
40
690
80
C22G40S
10
CH22
22 x 58 gG/gL
50
690
80
C22G50S
10
CH22
22 x 58 gG/gL
63
690
80
C22G63S
10
CH22
22 x 58 gG/gL
80
500
120
C22G80S
10
CH22
22 x 58 gG/gL
100
500
120
C22G100S
10
CH22
22 x 58 gG/gL
125
400
120
C22G125S
10
CH22
Table 3. Catalogue Numbers 22 x 58 mm
* Please contact our Technical department for further information on
our range of modular fuse holders: 00 44 1509 882 699 or
buletechnical@eaton.com


Similar Part No. - C14G12I

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C14G12I COOPER-C14G12I Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - C14G12I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
   Cylindrical fuse links
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
   NH Fuse Links
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
   Miniature Fuse-Links
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
   XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
   NH photovoltaic fuse links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
   L562 MINIATURE GLASS FUSE LINKS
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
   BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
   GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
SSD2 COOPER-SSD2_15 Datasheet
77Kb / 3P
   Standard fuse links size E1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com