Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7.2AMWNA4.0E Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 7.2AMWNA4.0E
Description  PT Medium voltage fuses for potential and small power transformers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

7.2AMWNA4.0E Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  7.2AMWNA4.0E Datasheet HTML 1Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 2Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 3Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 4Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 5Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 6Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 7Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 8Page - Cooper Bussmann, Inc. 7.2AMWNA4.0E Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2
Technical Data 6002
Effective March 2016
PT medium voltage fuses for potential and
small power transformers
Eaton.com/bussmannseries
E-Rated PT medium voltage fuses
Catalog symbols (by maximum voltage rating):
2.475kV
2NCLPT-_
3.6kV
3.6ABCNA_
3.6ABWNA_
3.6CAV_
5.5kV
JCW-_
5CLPT-_E
5NCLPT-_E
5NCLPT-_E-A
5.5ABWNA_E
5.5AMWNA_E
5.5CAV_E
5.5CAVH_E
7.2kV
7.2ABWNA_
7.2ABCNA_
7.2AMWNA_E
7.2CAV_
8.3kV
8CLPT-_E-A
8CLPT-_E-B
8NCLPT-_E
8NCLPT-_E-A
8NCLPT-_E-B
12kV
12ABCNA_
12CAV_
15.5kV
15CLPT-_E
15NCLPT-_E-A
15NCLPT-_E-B
15.5CAV_E
15.5CAVH_E
17.5kV
17.5ABGNA_
17.5CAV_
24kV
24ABGNA_
24CAV_
25.5kV
25CLPT-_E
36kV
36ABGNA_
36CAV_
38kV
38CAV_E
38CAVH_E
38CLPT-_E
Ratings*:
Volts
2.4kV to 38kV
Amps
0.25 to 15A
Interrupting ratings
25 to 80kA RMS Sym
* See catalog number tables for voltages, ampacities and interrupting ratings
by catalog number.
Agency information:
Those PT fuses conforming to the requirements for E-Rating
meet the performance characteristics of ANSI C37.46


Similar Description - 7.2AMWNA4.0E

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
PT EATON-PT_18 Datasheet
10Mb / 68P
   PT Medium voltage fuses for potential and small power transformers
logo
Cooper Bussmann, Inc.
JCI-3E COOPER-JCI-3E Datasheet
100Kb / 2P
   E-Rated Medium Voltage Fuses for Potential Small Power Trans.
logo
Littelfuse
8NLE2150E LITTELFUSE-8NLE2150E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15E1C38.0 LITTELFUSE-15E1C38.0 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE2125E LITTELFUSE-15GSE2125E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15GSE3250E LITTELFUSE-15GSE3250E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE10E LITTELFUSE-15NLE10E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
15NLE50E LITTELFUSE-15NLE50E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
65036R3BI5.5 LITTELFUSE-65036R3BI5.5 Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
8NLE100E LITTELFUSE-8NLE100E Datasheet
564Kb / 10P
   MEDIUM VOLTAGE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com