Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C16DI-M5T1U5 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-24C16DI-M5T1U5
Description  Write protect function during low power supply voltage
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C16DI-M5T1U5 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-24C16DI-M5T1U5 Datasheet HTML 4Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 5Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 6Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 7Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 8Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 9Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 10Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 11Page - Seiko Instruments Inc S-24C16DI-M5T1U5 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
2-WIRE SERIAL E2PROM
S-24C02D/04D/08D16D
Rev.3.0_01_U
8
AC Electrical Characteristics
Table 9 Measurement Conditions
0.8
× VCC
Input pulse voltage
Output reference voltage
0.2
× VCC
0.7
× VCC
0.3
× VCC
Input pulse voltage
0.2
× VCC to 0.8 × VCC
Input pulse rising / falling time
20 ns or less
Output reference voltage
0.3
× VCC to 0.7 × VCC
Output load
100 pF
Figure 1 Input / Output Waveform during AC Measurement
Table 10
Item
Symbol
Ta =
−40°C to +85°C
Unit
VCC = 2.5 V to 5.5 V
VCC = 1.7 V to 5.5 V
Min.
Max.
Min.
Max.
SCL clock frequency
fSCL
0
1000
0
400
kHz
SCL clock time "L"
tLOW
0.4
1.3
μs
SCL clock time "H"
tHIGH
0.3
0.6
μs
SDA output delay time
tAA
0.1
0.5
0.1
0.9
μs
SDA output hold time
tDH
50
50
ns
Start condition setup time
tSU.STA
0.25
0.6
μs
Start condition hold time
tHD.STA
0.25
0.6
μs
Data input setup time
tSU.DAT
80
100
ns
Data input hold time
tHD.DAT
0
0
ns
Stop condition setup time
tSU.STO
0.25
0.6
μs
SCL, SDA rising time
tR
0.3
0.3
μs
SCL, SDA falling time
tF
0.3
0.3
μs
WP setup time
tWS1
0
0
μs
WP hold time
tWH1
0
0
μs
WP release setup time
tWS2
0
0
μs
WP release hold time
tWH2
0
0
μs
Bus release time
tBUF
0.5
1.3
μs
Noise suppression time
tI
50
50
ns
Write time
tWR
5.0
5.0
ms


Similar Part No. - S-24C16DI-M5T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C16DI-M5T1U5 SII-S-24C16DI-M5T1U5 Datasheet
1Mb / 47P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C16DI-M5T1U5 ABLIC-S-24C16DI-M5T1U5 Datasheet
746Kb / 47P
   2-WIRE SERIAL E2PROM
Rev.3.0_02_U
More results

Similar Description - S-24C16DI-M5T1U5

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-34C02B SII-S-34C02B Datasheet
1Mb / 26P
   Write protect function during low power supply voltage
S-93C46CD0I-J8T1U3 SII-S-93C46CD0I-J8T1U3 Datasheet
2Mb / 39P
   Write protect function during the low power supply voltage
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com