Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-93C56CD0I-K8T3U3 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C56CD0I-K8T3U3
Description  Write protect function during the low power supply voltage
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C56CD0I-K8T3U3 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C56CD0I-K8T3U3 Datasheet HTML 5Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 6Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 7Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 8Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 9Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 10Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 11Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 12Page - Seiko Instruments Inc S-93C56CD0I-K8T3U3 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C
9
AC Electrical Characteristics
Table 9 Measurement Conditions
Input pulse voltage
0.1
× VCC to 0.9 × VCC
Output reference voltage
0.5
× VCC
Output load
100 pF
Table 10
Item
Symbol
Ta =
−40°C to +85°C
Unit
VCC = 1.6 V to 1.8 V
VCC = 1.8 V to 2.5 V
VCC = 2.5 V to 4.5 V VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
CS pin setup time
tCSS
0.4
0.2
0.15
0.15
μs
CS pin hold time
tCSH
0
0
0
0
μs
CS pin deselect time tCDS
0.4
0.2
0.2
0.2
μs
Data setup time
tDS
0.2
0.1
0.1
0.1
μs
Data hold time
tDH
0.2
0.1
0.1
0.1
μs
Output delay time
tPD
0.8
0.6
0.25
0.25
μs
Clock frequency
*1
fSK
0
0.5
0
1.0
0
2.0
0
2.0
MHz
SK clock time "L"
*1
tSKL
0.5
0.2
0.2
0.1
μs
SK clock time "H"
*1
tSKH
0.5
0.2
0.2
0.1
μs
Output disable time
tHZ1, tHZ2
0
0.5
0
0.2
0
0.2
0
0.15
μs
Output enable time
tSV
0
0.5
0
0.2
0
0.2
0
0.15
μs
Write time
tPR
4.0
4.0
4.0
4.0
ms
*1.
The clock cycle of the SK clock (frequency fSK) is 1/fSK
μs. This clock cycle is determined by a combination of
several AC characteristics. Note that the clock cycle cannot be set as (1/fSK) = tSKL (min.)
+ tSKH (min.) by minimizing
the SK clock cycle time.
tSKH
tCDS
tCSS
CS
Valid data
Valid data
DI
tSKL
SK
tSV
tHZ2
tCSH
tHZ1
tPD
tPD
tDS tDH
tDS
tDH
High-Z
High-Z
High-Z
DO
DO
(READ)
(VERIFY)
High-Z
*1
1/fSK
*2
*1.
Indicates high impedance.
*2.
1/fSK is the SK clock cycle. This clock cycle is determined by a combination of several AC characteristics.
Note that the clock cycle cannot be set as (1/fSK) = tSKL (min.)
+ tSKH (min.) by minimizing the SK clock cycle
time.
Figure 1 Timing Chart


Similar Part No. - S-93C56CD0I-K8T3U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C56CD0I-K8T3U3 SII-S-93C56CD0I-K8T3U3 Datasheet
2Mb / 39P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C56CD0I-K8T3U3 ABLIC-S-93C56CD0I-K8T3U3 Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
More results

Similar Description - S-93C56CD0I-K8T3U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-25A128B SII-S-25A128B Datasheet
1Mb / 26P
   Write protect function during the low power supply voltage
S-24C256C SII-S-24C256C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C512A SII-S-25C512A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-25A010A SII-S-25A010A Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-25C256A SII-S-25C256A Datasheet
1Mb / 31P
   Write protect function during the low power supply voltage
S-24C32C SII-S-24C32C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
S-24C128C SII-S-24C128C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24C512C SII-S-24C512C Datasheet
1Mb / 35P
   Write protect function during the low power supply voltage
S-24CM01C SII-S-24CM01C Datasheet
1Mb / 32P
   Write protect function during the low power supply voltage
S-24C08C SII-S-24C08C Datasheet
1Mb / 33P
   Write protect function during the low power supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com