Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD053N08N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPD053N08N3G
Description  OptiMOS짰3 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD053N08N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPD053N08N3G Datasheet HTML 1Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPD053N08N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPD053N08N3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
100
101
102
103
10-1
100
101
102
V
DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-2
10-1
100
101
10-5
10-4
10-3
10-2
10-1
100
t
p [s]
0
30
60
90
120
150
0
50
100
150
200
T
C [°C]
0
20
40
60
80
100
0
50
100
150
200
T
C [°C]
Rev. 1.1
page 4
2014-05-19


Similar Part No. - IPD053N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD053N08N3G INFINEON-IPD053N08N3G Datasheet
196Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 1.0 2008-01-25
More results

Similar Description - IPD053N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB027N10N3G INFINEON-IPB027N10N3G Datasheet
220Kb / 9P
   OptiMOS짰3 Power-Transistor
Rev. 2.4 2009-12-11
IPD050N03LG INFINEON-IPD050N03LG_13 Datasheet
1,006Kb / 12P
   OptiMOS짰3 Power-Transistor
Rev. 2.0 2013-10-28
IPP055N03LG INFINEON-IPP055N03LG Datasheet
309Kb / 10P
   OptiMOS짰3 Power-Transistor
Rev. 1.02 2007-08-29
IPF039N03LG INFINEON-IPF039N03LG Datasheet
441Kb / 10P
   OptiMOS짰3 Power-Transistor Features Fast switching MOSFET for SMPS
Rev. 0.9 2006-10-23
IPP028N08N3G INFINEON-IPP028N08N3G Datasheet
463Kb / 10P
   OptiMOS짰3 Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 1.0 2008-01-25
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com