Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13-43 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 13-43
Description  PC Board Mountable Pressure Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

13-43 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  13-43 Datasheet HTML 1Page - TE Connectivity Ltd 13-43 Datasheet HTML 2Page - TE Connectivity Ltd 13-43 Datasheet HTML 3Page - TE Connectivity Ltd 13-43 Datasheet HTML 4Page - TE Connectivity Ltd 13-43 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
13 AND 43
Standard
SENSOR SOLUTIONS ///13 and 43
9/2015
Page 2
FEATURES
TO-8 Package
0ºC to 50ºC Compensated
Temperature Range
±0.1% Non Linearity
1.0% Interchangeable Span
(provided by gain set resistor)
Solid State Reliability
APPLICATIONS
Medical Instruments
Process Control
Factory Automation
Altitude Measurement
Vacuum Measurement
Handheld Calibrators
STANDARD RANGES
Range
psig
psia
0 to 2
0 to 5
0 to 10
0 to 15
0 to 30
0 to 50
0 to 100
0 to 250


Similar Part No. - 13-43

ManufacturerPart #DatasheetDescription
logo
3M Electronics
13-4S 3M-13-4S Datasheet
38Kb / 5P
   Specialty Terminals
More results

Similar Description - 13-43

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1210 TEC-1210 Datasheet
211Kb / 7P
   PC Board Mountable Pressure Sensor
1230 TEC-1230 Datasheet
183Kb / 5P
   PC Board Mountable Pressure Sensor
logo
List of Unclassifed Man...
4426-005G ETC2-4426-005G Datasheet
275Kb / 2P
   PC Board Mountable Pressure Sensor
logo
TE Connectivity Ltd
1210-1PSI TEC-1210-1PSI Datasheet
207Kb / 7P
   PC Board Mountable Pressure Sensor
MS4426 TEC-MS4426 Datasheet
156Kb / 6P
   PC Board Mountable Pressure Sensor
MS4425 TEC-MS4425 Datasheet
202Kb / 7P
   PC Board Mountable Pressure Sensor
1240 TEC-1240 Datasheet
177Kb / 5P
   PC Board Mountable Pressure Sensor
MS1451 TEC-MS1451 Datasheet
150Kb / 5P
   PC Board Mountable Pressure Sensor
MS1471 TEC-MS1471 Datasheet
143Kb / 5P
   PC Board Mountable Pressure Sensor
3255A TEC-3255A Datasheet
168Kb / 3P
   PC Board Mountable Accelerometer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com