Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1300G Datasheet(PDF) 3 Page - Teccor Electronics

Part # K1300G
Description  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K1300G Datasheet(HTML) 3 Page - Teccor Electronics

  K1300G Datasheet HTML 1Page - Teccor Electronics K1300G Datasheet HTML 2Page - Teccor Electronics K1300G Datasheet HTML 3Page - Teccor Electronics K1300G Datasheet HTML 4Page - Teccor Electronics K1300G Datasheet HTML 5Page - Teccor Electronics K1300G Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SIDAC
Teccor Electronics
9-3
SIDAC
(972) 580-7777
V-I Characteristics
Figure 9.1
Peak Surge Current vs Surge Current Duration
IH
VTM
ITSM
RS
dVq/dt
dv/dt
di/dt
Dynamic
Holding Current
50/60Hz
Sine Wave
R = 100
(3) (4)
mAmps
Peak
On-State
Voltage
IT = 1 Amp
Volts
Max
Peak One
Cycle Surge
Current
50/60Hz Sine Wave
(Non-Repetitive)
(5)
Amps
Switching
Resistance
50/60Hz Sine Wave
(9)
k
Critical
Rate-of-Rise
of Turn-off
Voltage at
8kHz
Volts/
µSec
Critical
Rate-of-Rise
of Off-State
Voltage at
Rated VDRM
TJ ≤ 100°C
Volts/
µSec
Critical
Rate-of-Rise
of On-State
Current
Amps/
µSec
Package
60Hz
50Hz
TYP
MAX
E
G
F
S
MIN
MIN
MIN
TYP
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
3.0
20
16.7
2.0
42
1500
150
60
150
1.5
1.5
3.0
1.5
20
16.7
0.1
20
1500
150
60
150
3.0
20
16.7
0.1
20
1500
150
R
S
V
BO
V
S
()
I
S
I
BO
()
--------------------------------
=
THERMAL RESISTANCE (STEADY STATE)
RθJC [RθJA] °C/W (TYPICAL)
EG
F (6)
S
35 [95]
18 [75]
7 [45]
30 [85]
1.0
10
100
1000
1.0
2.0
4.0
6.0
8.0
10
20
40
SUPPLY FREQUENCY: 60 Hz Sinusoidal
LOAD: Resistive
RMS ON-STATE CURRENT: IT RMS Maximum Rated
Value at Specified Junction Temperature
BLOCKING CAPABILITY MAY BE LOST
DURING AND IMMEDIATELY
FOLLOWING SURGE CURRENT
INTERVAL
OVERLOAD MAY NOT BE REPEATED
UNTIL JUNCTION TEMPERATURE
HAS RETURNED TO STEADY-STATE
RATED VALUE.
Surge Current Duration - Full Cycles
100


Similar Part No. - K1300G

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1300G TECCOR-K1300G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1300G LITTELFUSE-K1300G Datasheet
181Kb / 7P
   High-voltage lamp ignitors
logo
Galaxy Semi-Conductor H...
K1300G BILIN-K1300G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K1300G SY-K1300G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
UN Semiconducctor INC
K1300G UNSEMI-K1300G Datasheet
3Mb / 5P
   Sidac
Revision March 1,2022
More results

Similar Description - K1300G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com