Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86U Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 86U
Description  316L SS Pressure Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

86U Datasheet(HTML) 3 Page - TE Connectivity Ltd

  86U Datasheet HTML 1Page - TE Connectivity Ltd 86U Datasheet HTML 2Page - TE Connectivity Ltd 86U Datasheet HTML 3Page - TE Connectivity Ltd 86U Datasheet HTML 4Page - TE Connectivity Ltd 86U Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
86
Uncompensated
SENSOR SOLUTIONS ///86
9/2015
Page 3
PERFORMANCE SPECIFICATIONS
Supply Current: 1.5 mA
Ambient Temperature: 25°C (unless otherwise specified)
PARAMETERS
005PSIA
005PSIG & ≥015PSI
UNITS
NOTES
MIN
TYP
MAX
MIN
TYP
MAX
Sensitivity
12
15
18
12
27
mV/V@Span
Zero Pressure Output
-10
10
-6.0
8.0
mV/V
1
Pressure Non Linearity
-0.2
0.2
-0.1
0.1
%Span
2
Pressure Hysteresis
-0.10
0.10
-0.05
0.05
%Span
Repeatability
±0.02
±0.02
%Span
Bridge Resistance
4.0K
5.0K
6.0K
3.8K
5.8K
3
Thermal Hysteresis
– Span
-0.25
±0.05
0.25
-0.25
±0.05
0.25
%Span
4
Thermal Hysteresis
– Offset
-0.25
±0.05
0.25
-0.25
±0.05
0.25
%Span
4
Temp. Coefficient
– Resistance
2.4K
1.30K
1.51K
1.75K
PPM/°C
4
Temp. Coefficient
– Span
-2.0K
-1.45K
-1.25K
-1.0K
PPM/°C
4
Temp. Coefficient
– Offset
-30
30
-30
30
µV/V/°C
4
Long Term Stability
– Span
±0.10
±0.10
%Span/Year
Long Term Stability
– Offset
±0.25
±0.10
%Span/Year
Supply Current
0.5
1.5
2.0
0.5
1.5
2.0
mA
Supply Voltage
5
-.5
5
9.5
V
Output Noise (10Hz to 1KHz)
1.0
1.0
uV p-p
Response Time (10% to 90%)
0.1
0.1
ms
Insulation Resistance (50Vdc)
50M
50M
5
Pressure Overload
3X
3X
Rated
Pressure Burst
4X
4X
Rated
6
Operating Temperature
-40
+125
-40
+125
ºC
Storage Temperature
-50
+125
-50
+125
ºC
Media
– Pressure Port
Liquids and Gases compatible with 316/316L Stainless Steel
Media
– Reference Port
Compatible with Silicon, Pyrex, Gold, Fluorosilicone Rubber, and 316/316L Stainless
Steel
Notes
1. Measured at vacuum for absolute (A) and at ambient for gage (G).
2. Non linearity is °0.2 max for 5psiG devices.
3. Bridge resistance is measured with both
–E pins shorted together.
4. TC values are first order coefficients to a quadratic fit over a temperature range of -20°C to +85°C (0°C to 50°C for 5psi).
5. Between case and sensing element.
6. The maximum pressure that can be applied to a transducer without rupture of either the sensing element or transducer.


Similar Description - 86U

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
82C TEC-82C Datasheet
272Kb / 5P
   316L SS Pressure Sensor
89U TEC-89U Datasheet
168Kb / 7P
   316L SS Pressure Sensor
85U TEC-85U Datasheet
148Kb / 5P
   316L SS Pressure Sensor
89C TEC-89C Datasheet
222Kb / 5P
   316L SS Pressure Sensor
logo
Festo Corporation.
8001208 FESTO-8001208 Datasheet
100Kb / 2P
   Pressure sensor
8001224 FESTO-8001224 Datasheet
101Kb / 2P
   Pressure sensor
8001229 FESTO-8001229 Datasheet
101Kb / 2P
   Pressure sensor
8001238 FESTO-8001238 Datasheet
107Kb / 2P
   Pressure sensor
8035535 FESTO-8035535 Datasheet
107Kb / 2P
   Pressure sensor
8035538 FESTO-8035538 Datasheet
107Kb / 2P
   Pressure sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com